Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 48SV2-RVDSRR

  • AI
    The part number **48SV2-RVDSRR** refers to a specific configuration of a high-performance **Brushless DC (BLDC) Motor** or **Servo Motor**, typically integrated into professional-grade gimbal systems, robotics, or precision motion control applications. Below is a breakdown of the electronic and technical components associated with this type of hardware. --- ### 1. Technical Specifications The "48SV2" series generally indicates a motor with a 48mm diameter and high-voltage compatibility. | Parameter | Typical Value / Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) / Outrunner | | **Input Voltage** | Typically 12V - 24V DC | | **Control Interface** | CAN Bus / RS485 / PWM | | **Feedback System** | Integrated Magnetic Encoder | | **Torque Profile** | High Torque at low RPM (Direct Drive) | --- ### 2. Key Electronic Components #### A. Integrated Driver (ESC) Unlike standard hobby motors, the "SV2" series often features a **built-in Electronic Speed Controller (ESC)**. * **MOSFETs:** High-efficiency power transistors that switch current to the motor windings. * **MCU:** An onboard microprocessor (often ARM Cortex-M series) that calculates Field Oriented Control (FOC) algorithms. #### B. Feedback System (The "RV" Component) The **RVDSRR** suffix often denotes the specific sensor configuration: * **Magnetic Encoder:** A high-resolution 12-bit or 14-bit digital encoder that provides absolute position feedback. This allows the motor to know its exact orientation without needing a calibration "home" sequence every time it powers up. * **Slip Ring Compatibility:** Many motors in this class are designed to work with slip rings (allowing 360-degree infinite rotation without tangling wires). #### C. Communication Circuitry * **CAN Bus:** Uses a differential pair (CAN_H, CAN_L) for robust communication in electronically noisy environments. * **Protection Circuits:** Includes over-current, over-temperature, and under-voltage lockout (UVLO) protections to prevent the electronics from burning out under stall conditions. --- ### 3. Structural Features | Component | Function | | :--- | :--- | | **Hollow Shaft** | Allows for routing of signal and power cables through the center of the motor. | | **Stator Windings** | Precision-wound copper coils designed for high thermal dissipation. | | **Neodymium Magnets** | High-grade permanent magnets used to provide the magnetic flux for motion. | --- ### 4. Common Applications * **Professional Camera Gimbals:** Used for the Pan/Tilt/Roll axes to stabilize heavy cinema cameras. * **Robotic Joints:** Actuators for quadruped robots or collaborative robotic arms. * **Lidar Rotation:** Driving high-precision optical sensors that require constant, jitter-free velocity.
    ✨ Follow-up Questions
    • ⤷ What is the pinout for the CAN bus connector on this motor?
    • ⤷ How does Field Oriented Control (FOC) improve the performance of the 48SV2?
    • ⤷ Does this motor require external cooling for continuous high-torque operation?