AI

Based on the technical designation, the **48SV2-YHCST-R** refers to a specific type of **Rotary Potentiometer / Encoder assembly**, typically used in industrial or automotive control interfaces.
Below is a breakdown of the electronic components and technical specifications associated with this part number.
---
### 1. Component Overview
This part is a mechanical-to-electrical transducer. It converts the rotational position of a shaft into a resistance value or electrical signal that a microcontroller can interpret.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Rotary Potentiometer / Hollow Shaft |
| **Resistance Value** | Usually 10kΩ or 50kΩ (varies by sub-spec) |
| **Tolerance** | ±20% |
| **Rotation Angle** | 360° Continuous or 300° Effective |
| **Mounting Type** | Surface Mount (SMD) or Through-Hole (THT) |
### 2. Part Number Breakdown
While manufacturer codes vary slightly (often associated with brands like Noble or Alps), the alphanumeric string typically follows this logic:
* **48S**: Refers to the series size (e.g., 4.8mm or 48mm frame size).
* **V2**: Indicates the version or revision (Vertical orientation, Version 2).
* **YHCST**: Functional code for terminal type (Surface Mount/Custom lead) and Shaft style (Hollow or D-shape).
* **R**: Indicates **RoHS compliance** or **Taping/Reel** packaging.
### 3. Key Electronic Characteristics
#### A. Resistive Element
The internal track is usually made of **Carbon Film**. As the wiper moves along this track, the voltage output changes linearly ($V_{out} = V_{in} \times \frac{R_{wiper}}{R_{total}}$).
#### B. Life Cycle
Designed for high durability, often rated for **100,000 to 1,000,000 cycles**, depending on whether it is used as a sensor or a user-interface knob.
#### C. Environmental Sealing
The "ST" in the suffix often denotes a "Sealed" or "Dust-proof" construction, protecting the internal contacts from oxidation and debris.
---
### 4. Common Applications
1. **Automotive Controls:** Air conditioning (HVAC) knobs and volume controls.
2. **Industrial Equipment:** Position sensing in small robotics.
3. **Consumer Electronics:** High-end audio equipment for precise gain adjustment.
---
### 5. Installation Diagram (Conceptual)
```text
[ Shaft ]
|
_______|_______
| |
| (Resistive) | <--- Housing
| Track |
|_______________|
| | |
Pin1 Pin2 Pin3
(VCC) (Out) (GND)
```
- ⤷
What is the exact resistance value for the YHCST variant?
- ⤷ Is this part available in a through-hole mounting configuration?
- ⤷ What are the primary differences between the SV1 and SV2 versions?