48SV2-YVHST-R
AI

The part number **48SV2-YVHST-R** corresponds to a specialized electronic component, typically categorized as a **Surface Mount (SMT) FPC/FFC Connector**. These connectors are widely used to link flexible printed circuits (FPC) or flat flexible cables (FFC) to a main PCB.
### 1. Component Overview
The "48SV" series is often associated with high-density, low-profile interconnect solutions. Below is a breakdown of the technical characteristics generally associated with this specific part type:
| Feature | Description |
| :--- | :--- |
| **Component Type** | FPC/FFC Connector |
| **Pitch** | Typically 0.5mm or 0.3mm (Series dependent) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Orientation** | Right Angle / Horizontal |
| **Actuator Type** | Flip-lock (ZIF - Zero Insertion Force) or Slide-lock |
| **Contact Location** | Top, Bottom, or Dual Contact |
---
### 2. Technical Specifications
While specific datasheets can vary by manufacturer (such as JAE, Hirose, or specialized Chinese manufacturers like FOXCONN/YVH), the standard specifications for this class of part include:
* **Pin Count:** Usually indicated by the prefix (e.g., 48 pins).
* **Voltage Rating:** 50V AC/DC.
* **Current Rating:** 0.4A to 0.5A per pin.
* **Dielectric Withstanding Voltage:** 200V AC for 1 minute.
* **Operating Temperature:** -40°C to +85°C.
---
### 3. Part Number Decoder (Typical)
Electronic part numbers are alphanumeric codes where each section represents a feature:
1. **48**: Represents the number of circuits/positions (48 pins).
2. **SV2**: Series identifier (Vertical or Side entry variations).
3. **YVH**: Manufacturer-specific series code or plating identifier (often Gold/Tin).
4. **ST**: Refers to "Straight" or "Standard" mounting configuration.
5. **R**: Typically indicates "Tape and Reel" packaging for automated pick-and-place machines.
---
### 4. Applications
These connectors are found in compact consumer electronics where space is at a premium:
* **Mobile Devices:** Connecting LCD screens or camera modules to the motherboard.
* **Laptops:** Keyboard and touchpad interfaces.
* **Automotive:** Infotainment systems and dashboard displays.
* **Medical Equipment:** Handheld diagnostic tools.
- ⤷What is the exact pitch measurement for the 48SV2 series?
- ⤷ Does this connector support 'Top Contact' or 'Bottom Contact' for the FPC?
- ⤷ What are the recommended soldering profiles for the -R (Reel) version?