AI

## 54ABT373CSCQB: Technical Overview
The **54ABT373CSCQB** is a high-performance, radiation-hardened (or high-reliability) octal transparent latch with 3-state outputs. It belongs to the **Advanced BiCMOS Technology (ABT)** family, which combines the high drive capabilities of bipolar transistors with the low power consumption of CMOS technology.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | Octal D-Type Transparent Latch |
| **Technology** | BiCMOS (ABT) |
| **Voltage Supply Range** | 4.5V to 5.5V |
| **Output Type** | 3-State (High Impedance) |
| **Propagation Delay** | ~3.5 ns to 5.0 ns (Typical) |
| **Operating Temperature** | -55°C to +125°C (Military Grade) |
| **Package Type** | CQFP (Ceramic Quad Flat Pack) |
| **Pins** | 20-pin / 28-pin variants (depending on package) |
---
### 2. Functional Components
This device consists of eight identical latches with common control logic:
1. **D-Inputs (D0-D7):** Data inputs that receive the digital signal.
2. **Latch Enable (LE):**
* When **High**, the latch is "transparent," and the outputs follow the inputs.
* When **Low**, the data is latched (stored) and the outputs remain stable regardless of input changes.
3. **Output Enable (OE):**
* When **Low**, the outputs are active.
* When **High**, the outputs are placed in a high-impedance state (High-Z), effectively disconnecting them from the bus.
4. **3-State Outputs (Q0-Q7):** The final stage that drives the external bus.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the suffix helps identify its specific application:
* **54**: Indicates the Military/Aerospace temperature range (-55°C to 125°C).
* **ABT**: Advanced BiCMOS Technology.
* **373**: The specific logic function (Octal Transparent Latch).
* **CSC**: Ceramic Surface Mount (referring to the package material).
* **QB**: Quality level, often indicating a **Mil-Prf-38535** compliant device (Class Q).
---
### 4. Typical Applications
Due to its high reliability and robust temperature range, this part is commonly used in:
* **Avionics and Aerospace:** Data buffering for flight computers.
* **Military Systems:** Secure communication hardware.
* **Space Applications:** Handling data bus signals in harsh radiation environments.
* **High-Speed Bus Interfacing:** Connecting microprocessors to memory or peripherals where low noise and high drive are required.
---
### 5. Truth Table Summary
| OE | LE | D | Output (Q) | Mode |
| :---: | :---: | :---: | :---: | :--- |
| L | H | H | H | Transparent (High) |
| L | H | L | L | Transparent (Low) |
| L | L | X | Q0 | Latched (No Change) |
| H | X | X | Z | High-Impedance |
*(L=Low, H=High, X=Don't Care, Z=High Impedance)*
- ⤷
What is the main difference between the 54ABT373 and the 74ABT373?
- ⤷ How does BiCMOS technology improve performance compared to standard CMOS?
- ⤷ What are the specific thermal management requirements for the CQFP package?