Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 54ACT715-R

  • AI
    The **54ACT715-R** is a high-performance integrated circuit (IC) primarily designed as a **Programmable Video Sync Generator**. It belongs to the FACT™ (Fairchild Advanced CMOS Technology) family and is specifically engineered for military and aerospace applications due to its "54" series designation. --- ### ## 1. Key Specifications and Features The 54ACT715-R is designed to generate all the necessary signals required to drive a standard or non-standard video monitor. | Feature | Specification | | :--- | :--- | | **Logic Family** | ACT (Advanced CMOS with TTL-compatible inputs) | | **Operating Voltage** | 4.5V to 5.5V | | **Operating Temperature** | -55°C to +125°C (Military Grade) | | **Function** | Video Sync Generation (Horizontal & Vertical) | | **Max Frequency** | Up to 130 MHz (Pixel Clock) | | **Package Types** | Ceramic DIP, Flatpack, or LCC (Leadless Chip Carrier) | --- ### ## 2. Core Functional Blocks The internal architecture of the 54ACT715-R consists of several programmable counters and registers: 1. **Horizontal Counter:** Manages the timing for Horizontal Sync (HSYNC), Blanking, and Active Video lines. 2. **Vertical Counter:** Manages the Frame Rate and Vertical Sync (VSYNC) pulses. 3. **Programming Interface:** It uses a parallel bus to load configuration data into internal latches. This allows it to support various video standards like NTSC, PAL, and high-resolution VGA. 4. **Clock Generation:** It typically interfaces with a high-speed pixel clock to derive all timing intervals precisely. --- ### ## 3. Pin Signal Definitions While the exact pinout depends on the package (e.g., 20-pin DIP vs. 28-pin LCC), the primary signals include: * **VCLK (Video Clock):** The master input clock. * **HSYNC / VSYNC:** Horizontal and Vertical synchronization outputs. * **COMP SYNC:** Composite sync output combining H and V signals. * **BLANK:** Output signal to turn off the electron beam (or DAC output) during retrace. * **D0-D7:** Data bus pins used to program the internal registers. * **LOAD:** Pin used to latch the programming data into the internal registers. --- ### ## 4. Applications The "R" suffix and the "54" prefix indicate it is often used in high-reliability environments: * **Military Avionics:** Display systems in cockpits. * **Medical Imaging:** High-resolution CRT or LCD synchronization. * **Legacy Video Conversion:** Converting custom sensor data into standardized video formats. * **Ruggedized Computing:** Systems requiring wide temperature tolerance and radiation hardness (depending on specific "R" / Rad-Hard ratings). --- ### ## 5. Programming Example (Pseudo-logic) To configure the chip, one must send specific hex values to the data bus to define the front porch, back porch, and sync pulse widths. ```c // Example: Concept for initializing a 54ACT715 void init_video_sync() { setDataBus(0x3F); // Set Horizontal Total pulseLoad(); setDataBus(0x0A); // Set Horizontal Sync Width pulseLoad(); // Continue for Vertical parameters... } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 54ACT715 and the commercial 74ACT715 version?
    • ⤷ Does the 'R' suffix indicate radiation hardening or a specific packaging type?
    • ⤷ How does this chip interface with modern digital microcontrollers?