5HFP8-R
AI

## Technical Overview of the 5HFP8-R
The **5HFP8-R** is a specific type of electronic component categorized as a **subminiature, high-breaking capacity fuse**. It is manufactured by **Bel Fuse Inc.** and belongs to their "5HFP" series. These components are primarily used for overcurrent protection in sensitive electronic circuits.
---
### 1. Key Specifications
The part number "5HFP8-R" can be broken down to understand its technical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | 5HFP | High-breaking capacity, fast-acting 5x20mm fuse. |
| **Current Rating** | 8A | Rated to carry 8 Amperes continuously. |
| **Voltage Rating** | 250V AC | Maximum operating voltage. |
| **Response Time** | Fast-Acting (F) | Designed to open quickly upon overload. |
| **Body Material** | Ceramic | Provides higher breaking capacity than glass. |
| **Form Factor** | 5mm x 20mm | Standard small-cartridge physical size. |
| **Termination** | Pigtail Leads | The "P" indicates axial leads for PCB mounting. |
| **Compliance** | RoHS Compliant | The "-R" suffix indicates lead-free/RoHS compliance. |
---
### 2. Physical Construction
The 5HFP8-R differs from standard household fuses in several ways:
* **Ceramic Tube:** Unlike transparent glass fuses, the ceramic body allows the fuse to withstand much higher internal pressure during a short circuit.
* **Arc Quenching:** The interior is often filled with silica sand. In the event of a high-current fault, the sand melts to extinguish the electrical arc, preventing the fuse from exploding.
* **Axial Leads:** The pigtail wires allow the component to be soldered directly onto a Printed Circuit Board (PCB) without needing a fuse holder.
---
### 3. Electrical Performance
As a **Fast-Acting** fuse, the 5HFP8-R is engineered to protect components that cannot withstand even brief surges.
* **Breaking Capacity:** It typically features a high interrupt rating (often up to 1500A at 250V AC), meaning it can safely disconnect very high fault currents without physical rupture.
* **Typical Applications:**
* Power supplies (SMPS)
* Industrial instrumentation
* Monitors and display cooling systems
* Medical equipment
---
### 4. Comparison: Ceramic vs. Glass Fuses
| Feature | 5HFP (Ceramic) | Standard Glass Fuse |
| :--- | :--- | :--- |
| **Breaking Capacity** | High | Low |
| **Safety** | High (No shattering) | Risk of glass shattering |
| **Visual Inspection** | Cannot see filament | Filament is visible |
| **Cost** | Slightly higher | Lower |
- ⤷
What is the difference between fast-acting and slow-blow fuses in PCB design?
- ⤷ Can I replace a 5HFP8-R with a glass fuse of the same amperage?
- ⤷ How do I calculate the correct fuse rating for a 250V circuit?