Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 5PBY

  • AI
    The term **"5PBY"** refers to a specific **marking code** typically found on small-outline electronic components. In the electronics industry, because parts like SOT-23 packages are too small to print a full manufacturer part number, codes are used instead. Based on electronic component databases, the marking **5PBY** most commonly identifies the following part: ### Part Identification: TLV70018DDCR The code `5PB` is the primary device identifier, while the `Y` (or the fourth character) usually acts as a **Date/Lot Code** (indicating the year or month of manufacture). --- ### 1. Technical Specifications This component is a **Low-Dropout (LDO) Linear Regulator**. Below are its primary technical characteristics: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Texas Instruments (TI) | | **Output Voltage** | 1.8V (Fixed) | | **Input Voltage Range** | 2.0V to 5.5V | | **Output Current** | 200 mA | | **Dropout Voltage** | 175 mV (Typical at 200mA) | | **Package Type** | SOT-23-5 (or SOT-5) | | **Quiescent Current** | 31 µA (Very Low) | --- ### 2. Pinout Configuration (SOT-23-5) If you are looking at the component on a PCB, the 5 pins are generally mapped as follows: 1. **IN**: Input voltage supply. 2. **GND**: Ground. 3. **EN**: Enable (High = On, Low = Shutdown). 4. **NC/FB**: No Connection or Feedback (on fixed versions, usually NC). 5. **OUT**: Regulated 1.8V output. --- ### 3. Key Features and Applications * **High PSRR:** It has a high Power Supply Rejection Ratio, making it excellent for noise-sensitive analog circuits. * **Stability:** It is stable with very small ceramic output capacitors (0.1µF). * **Common Uses:** * Mobile phones and tablets. * ZigBee and Bluetooth modules. * Low-power handheld medical devices. * Camera sensor power supplies. --- ### 4. How to Read the Code When identifying these parts, remember: * **5PB**: The device family (TLV70018). * **Y**: The assembly site or date code (this changes based on when/where it was made). ---
    ✨ Follow-up Questions
    • ⤷ How do I test if a 5PBY (TLV70018) chip is functioning correctly using a multimeter?
    • ⤷ What are the common alternatives or equivalents to the TLV70018 regulator?
    • ⤷ Can this component handle an input voltage higher than 5.5V?