5SF500-R
AI

The **5SF500-R** is a specific model of a miniature fast-acting surface mount fuse, typically manufactured by **Bel Fuse Inc.** This component is designed for overcurrent protection in compact electronic circuits.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 500 mA (0.5A) |
| **Voltage Rating** | 125V AC / 125V DC |
| **Fuse Type** | Fast-Acting (Quick Acting) |
| **Body Material** | Ceramic |
| **Mounting Type** | Through-Hole (Pigtail Leads) or Surface Mount variations |
| **Termination Style** | Axial Leaded / Square Ceramic Body |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
Understanding the alphanumeric code helps in identifying the component's behavior:
* **5SF**: Represents the series name. The "SF" stands for **S**mall **F**use, specifically the "Quick-Acting" 5x20mm or subminiature ceramic series.
* **500**: Represents the amperage rating. In this case, 500 milliamperes.
* **-R**: Indicates **RoHS compliance** (Lead-free and environmentally friendly materials).
---
### 3. Key Applications
Because of its fast-acting nature and small footprint, the 5SF500-R is commonly found in:
1. **Consumer Electronics:** Power supplies for laptops, printers, and monitors.
2. **Industrial Equipment:** Control boards and sensitive instrumentation where quick disconnection is required to prevent component damage.
3. **Telecom:** Networking equipment and line cards.
4. **LED Lighting:** Protecting driver circuits from surge currents.
---
### 4. Typical Performance Curve
The "Fast-Acting" characteristic means this fuse is designed to blow quickly when current exceeds 100% of its rating. Unlike "Slow-Blow" (Time-Delay) fuses, it does not tolerate temporary inrush currents.
```python
# Example logic for fuse selection
if current_draw > rated_current * 1.1:
fuse_status = "Open/Blown"
else:
fuse_status = "Normal Operation"
```
---
- ⤷
What is the difference between the 5SF and 5ST fuse series?
- ⤷ What is the physical dimension/footprint of the 5SF500-R?
- ⤷ Can this fuse be used in automotive 12V applications?