Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 7130LA55CGI8

  • AI
    ## Technical Overview of 7130LA55CGI8 The **7130LA55CGI8** is a specific high-performance CMOS Dual-Port Static RAM (SRAM). It is designed to allow simultaneous access to a common memory array from two independent ports. This is particularly useful in systems where two different processors or buses need to share data efficiently. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the specific characteristics of this component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **7130** | Base Model | 1K x 8 Dual-Port RAM (8K total bits) | | **L** | Power Version | Low Power | | **A** | Design Revision | Standard Revision | | **55** | Speed | 55ns Access Time | | **CG** | Package Type | Ceramic Gold Quad Flatpack (CQFP) | | **I** | Temp Range | Industrial (-40°C to +85°C) | | **8** | Tape & Reel | Shipping method (Taped and Reeled) | --- ### 2. Key Technical Specifications The internal electronic structure is optimized for asynchronous communication between two ports (Left and Right). * **Memory Density:** 8 Kilobits (1,024 words x 8 bits). * **Access Time:** 55 nanoseconds. * **Operating Voltage:** 5.0V (±10%). * **Technology:** High-performance CMOS (Complementary Metal-Oxide-Semiconductor) which ensures low power consumption and high speed. * **Hardware Interrupts:** Provides a messaging system between ports via specific memory addresses. --- ### 3. Core Functional Components The 7130 architecture includes several critical electronic sub-systems: #### A. The Dual-Port Memory Array Unlike standard RAM, every memory cell in the 7130 is "dual-ported." This means the cell has two sets of access transistors, allowing the Left and Right address/data lines to connect to the same bit of data simultaneously. #### B. Arbitration & Control Logic To prevent data corruption when both ports try to write to the same location at once, the chip includes: * **Busy Logic:** A hardware signal (`/BUSY`) that indicates the other port is currently accessing that memory segment. * **Semaphore Logic:** 8-bit registers used to coordinate software-level tasks between the two processors. #### C. Input/Output Pins * **Address Pins (A0-A9):** Selects one of the 1,024 byte locations. * **Data Pins (I/O0-I/O7):** Bi-directional lines for data transfer. * **Control Pins:** * `/CE` (Chip Enable): Activates the port. * `/OE` (Output Enable): Controls the data buffers. * `R/W` (Read/Write): Determines the direction of data flow. --- ### 4. Typical Applications Because of its ability to bridge two different systems, the 7130LA55CGI8 is commonly found in: 1. **Digital Signal Processing (DSP):** Passing data between a CPU and a DSP. 2. **Communications:** Buffering packets between a network controller and a system bus. 3. **Industrial Automation:** Handling data exchange between a real-time controller and a monitoring interface. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 7130 and 7132 dual-port RAM models?
    • ⤷ How does the 'Busy' logic handle simultaneous write attempts to the same memory address?
    • ⤷ Are there modern 3.3V alternatives to this 5V legacy component?