72-059
AI

The part number **72-059** is most commonly associated with **Interstate Batteries** as a high-capacity, heavy-duty Lead-Acid battery. Below is a breakdown of its electronic specifications and technical characteristics.
---
## 🛠️ Technical Specifications: 72-059
This component is a **Group 59** automotive/industrial battery. It is designed to provide high surge currents for starting internal combustion engines and powering vehicle electronics.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Voltage** | 12 Volts DC |
| **Cold Cranking Amps (CCA)** | 590 - 650 Amps |
| **Cranking Amps (CA)** | 740 - 810 Amps |
| **Reserve Capacity (RC)** | 100 Minutes |
| **Chemistry** | Lead-Acid (Flooded/Wet Cell) |
| **Group Size** | BCI Group 59 |
| **Polarity** | Top Terminal (Standard Layout) |
---
### ⚡ Electronic Characteristics
#### 1. Chemical Energy Conversion
The 72-059 operates on the principle of a reversible chemical reaction between lead plates and sulfuric acid. It converts chemical energy into electrical energy to provide a high "burst" of current (CCA) required by a starter motor.
#### 2. Discharge & Charging
* **Self-Discharge:** Like all lead-acid batteries, it experiences internal resistance that causes a slow discharge over time when not in use.
* **Charge Acceptance:** The battery is designed to be recharged by an alternator. Its internal resistance is tuned to accept a high rate of charge without overheating under normal operating conditions.
#### 3. Reserve Capacity (RC)
The "100 Minutes" RC rating means the battery can provide a constant **25 Amp** discharge at 80°F (27°C) before the voltage drops to 10.5V. This is critical for keeping electronic control units (ECUs), lights, and safety systems active if the alternator fails.
---
### 🔍 Common Applications
While primarily used in vehicles, its electronic profile makes it suitable for:
* **Automotive:** Ford and Mazda passenger vehicles.
* **Backup Power:** Small UPS systems or emergency lighting.
* **Remote Sensors:** Powering telemetry equipment in the field where 12V DC is standard.
---
- ⤷
What is the difference between CCA and CA in this battery model?
- ⤷ How should the 72-059 battery be maintained to prevent sulfation?
- ⤷ Are there AGM alternatives to the 72-059 lead-acid battery?