Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 7448640407

  • AI
    The part number **7448640407** refers to a specific electronic component manufactured by **Wurth Elektronik**. It belongs to the **WE-UCF** series, which are Common Mode Power Line Chokes. --- ## 1. Technical Specifications Common mode chokes are used to filter electromagnetic interference (EMI) in power supply lines. Below are the primary specifications for this part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Wurth Elektronik | | **Inductance** | 4.7 mH | | **Rated Current** | 1.8 A | | **DC Resistance (RDC)** | 145 mΩ (Max) | | **Rated Voltage** | 250 V (AC) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD) | --- ## 2. Key Features and Construction * **Current Compensation:** The device features two windings on a single core. Current flowing in the same direction (Common Mode Noise) meets high impedance and is suppressed, while the desired differential signal passes through. * **Low Profile:** Designed for compact electronic devices where vertical space is limited. * **High Power Density:** Capable of handling significant current relative to its small footprint. * **Clamping System:** It often utilizes a specialized plastic clip or housing to ensure mechanical stability during vibration. --- ## 3. Applications This part is commonly found in the input filters of power electronics to comply with EMC (Electromagnetic Compatibility) regulations: 1. **Switch Mode Power Supplies (SMPS):** Filtering high-frequency noise generated by switching transistors. 2. **LED Drivers:** Preventing noise from the power grid from affecting the LED output and vice versa. 3. **Industrial Electronics:** Protecting sensitive control circuits from line interference. 4. **Household Appliances:** Used in the power entry modules of white goods. --- ## 4. Why use a Common Mode Choke? Without a component like the 7448640407, electronic devices would emit significant radio frequency interference (RFI) back into the power grid, which could interfere with radios, Wi-Fi, and other sensitive electronics. It acts as a "gatekeeper" that cleans the electricity entering and exiting the device.
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise?
    • ⤷ Can this part be used in DC-to-DC converters?
    • ⤷ What are the footprint dimensions for the 7448640407?