AI

## Overview of the 74HC393D/AUJ
The **74HC393D/AUJ** is a high-speed Si-gate CMOS device. It consists of two independent 4-bit binary ripple counters, each having its own Clock (`nCP`) and Master Reset (`nMR`) inputs.
---
### 1. Key Technical Specifications
| Parameter | Description |
| :--- | :--- |
| **Logic Family** | 74HC (High-speed CMOS) |
| **Function** | Dual 4-bit Binary Ripple Counter |
| **Voltage Range** | 2.0V to 6.0V |
| **Package Type** | SOIC-14 (SOT108-1) |
| **Max Frequency** | ~99 MHz (at 6.0V) |
| **Current Consumption** | 40 $\mu$A (Static) |
| **Output Drive** | 5.2 mA (at 5.0V) |
---
### 2. Internal Architecture & Logic
Each of the two counters contains four master-slave T-type flip-flops.
* **Counting Mechanism:** The counter advances on the **High-to-Low transition** (negative edge) of the clock input.
* **Reset Function:** A **High** level on the Master Reset (`MR`) line clears the counter asynchronously, forcing all outputs (`Q0` to `Q3`) to Low.
* **Cascading:** Because it is a binary ripple counter, the output of one flip-flop acts as the clock for the next. This allows for simple frequency division.
### 3. Pin Configuration
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1, 13 | 1CP, 2CP | Clock Inputs (Active Falling Edge) |
| 2, 12 | 1MR, 2MR | Master Reset Inputs (Active High) |
| 3, 4, 5, 6 | 1Q0 to 1Q3 | Parallel Outputs Counter 1 |
| 8, 9, 10, 11 | 2Q0 to 2Q3 | Parallel Outputs Counter 2 |
| 7 | GND | Ground (0V) |
| 14 | VCC | Supply Voltage |
---
### 4. Typical Applications
* **Frequency Division:** Dividing a high-frequency clock down to lower frequencies (e.g., creating a 1Hz pulse from a higher oscillator).
* **Time Delay Generation:** Used in circuits requiring specific timing intervals.
* **Digital Counters:** Serving as the backbone for simple digital displays or event counting.
* **Address Generators:** Useful in simple memory sequencing or LED matrix scanning.
---
### 5. Implementation Example
Below is a conceptual representation of how to wire a single 4-bit stage in Verilog for simulation purposes:
```verilog
// Simple behavioral model of one 4-bit counter section
module counter_74HC393 (
input clk_n, // Negative edge trigger
input mr, // Master reset (Active High)
output reg [3:0] q
);
always @(negedge clk_n or posedge mr) begin
if (mr)
q <= 4'b0000;
else
q <= q + 1;
end
endmodule
```
- ⤷
What is the difference between a ripple counter like the 74HC393 and a synchronous counter?
- ⤷ How can you cascade both halves of the 74HC393 to create an 8-bit counter?
- ⤷ What are the specific thermal characteristics of the SOT108-1 package used in this part?