Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 7FST

  • AI
    The term **7FST** typically refers to a specific series of high-performance **Bus Switch ICs** (Integrated Circuits). These are electronic components used primarily in digital circuit design to connect or isolate signal paths with minimal propagation delay. --- ## 1. Core Functionality A 7FST device functions as a high-speed CMOS (Complementary Metal-Oxide Semiconductor) bus switch. It acts like a mechanical toggle switch but operates at electronic speeds, allowing or blocking the flow of data between two points (Bus A and Bus B). ### Technical Specifications Table | Feature | Typical Value/Description | | :--- | :--- | | **Logic Family** | 74FST (Fast Switch Technology) | | **Operating Voltage** | 4.0V to 5.5V (Standard TTL levels) | | **Propagation Delay** | < 0.25 ns (Extremely fast) | | **On-Resistance ($R_{on}$)** | ~5 $\Omega$ to 8 $\Omega$ | | **Off-Isolation** | High impedance (Hi-Z) when disabled | | **Package Types** | SOIC, TSSOP, QSOP | --- ## 2. Key Internal Components The 7FST architecture is relatively simple compared to complex microcontrollers, consisting of the following internal parts: ### N-Channel MOSFETs The heart of the 7FST is the N-Channel pass transistor. When the gate is "High," the transistor conducts, creating a low-resistance path between the input and output pins. ### Control Logic (Enable Pins) The chip includes an **Output Enable ($\overline{OE}$)** pin. - **Active Low:** Most 7FST chips activate the switch when the $\overline{OE}$ pin is grounded (Low). - **Buffer Circuitry:** Internal logic gates ensure the switch transitions cleanly without signal "bounce." --- ## 3. Common Use Cases Electronic engineers use 7FST parts for specific architectural needs: 1. **Bus Isolation:** Separating a heavily loaded bus into smaller segments to reduce capacitance. 2. **Voltage Level Shifting:** Because of the internal transistor characteristics, they can sometimes be used to interface 5V systems with 3.3V systems. 3. **Hot-Plugging:** Protecting sensitive circuitry when a peripheral is plugged in while the system is powered on. 4. **Multiplexing:** Selecting which peripheral gets to communicate with the CPU. --- ## 4. Example Wiring (Code Concept) While 7FST is hardware, its behavior in a logic simulation (like Verilog) would look like this: ```verilog // Simplified representation of a 1-bit Bus Switch module bus_switch_7fst ( input wire A, // Bus A output wire B, // Bus B input wire OE_n // Output Enable (Active Low) ); // If OE_n is 0, A is connected to B. Otherwise, B is High-Z. assign B = (~OE_n) ? A : 1'bz; endmodule ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 7FST bus switch and a standard 74HC buffer?
    • ⤷ How does the 'On-Resistance' of a 7FST chip affect signal integrity?
    • ⤷ Can 7FST chips be used for bidirectional data transmission?