AI

The **806MDCL202KFG** is a high-performance, high-voltage power film capacitor manufactured by **Illinois Capacitor** (a brand under Cornell Dubilier - CDE). It belongs to the **DCL series**, which is specifically designed for DC filtering and energy storage applications.
---
### 1. Technical Specifications
The part number itself follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 80 µF (Microfarads) |
| **Tolerance** | ±10% (indicated by 'K') |
| **Voltage Rating (DC)** | 2000 VDC |
| **Dielectric Material** | Polypropylene Film (Metallized) |
| **Operating Temperature** | -40°C to +85°C |
| **Termination Style** | Screw Terminals (High Current) |
| **Mounting Type** | Chassis Mount (Cylindrical) |
---
### 2. Key Internal Components & Construction
The "Electronic Parts" within this component are not discrete chips, but rather advanced materials engineered for high power:
* **Metallized Polypropylene Dielectric:** Unlike standard electrolytic capacitors, this uses a thin plastic film coated with a microscopic layer of metal. This allows for "self-healing" properties—if a dielectric breakdown occurs, the metal layer vaporizes around the point of failure, preventing a short circuit.
* **Non-Inductive Winding:** The internal film is wound in a way that minimizes parasitic inductance, which is crucial for high-speed switching environments.
* **Dry Construction:** It does not contain liquid electrolyte, meaning it has a much longer life expectancy and no risk of leaking or drying out over time.
* **Robust Housing:** Usually encased in a flame-retardant plastic or metal cylinder with resin filling to protect against humidity and mechanical vibration.
---
### 3. Applications & Usage
This component is used in heavy-duty electronic circuits where high voltage and high ripple current are present:
1. **Solar Inverters:** Used for DC-Link filtering to smooth out the voltage before it is converted to AC.
2. **EV Charging Stations:** Manages high-power energy transfer and reduces noise.
3. **Motor Drives:** Provides the energy reservoir for Variable Frequency Drives (VFDs).
4. **Induction Heating:** Acts as a resonant capacitor in high-frequency heating circuits.
---
### 4. Comparison: Film vs. Electrolytic
| Feature | 806MDCL202KFG (Film) | Standard Electrolytic |
| :--- | :--- | :--- |
| **Voltage** | Very High (2000V) | Typically lower per unit |
| **Lifespan** | Up to 100,000 hours | 2,000 to 10,000 hours |
| **ESR** | Extremely Low | Moderate to High |
| **Failure Mode** | Open circuit (Safe) | Short circuit / Leaking (Hazardous) |
- ⤷
What are the mechanical dimensions of the 806MDCL202KFG?
- ⤷ How does 'self-healing' work in metallized film capacitors?
- ⤷ What is the maximum ripple current rating for this specific model?