Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 8141-AF5-D-R

  • AI
    The **8141-AF5-D-R** is an integrated circuit (IC) primarily used as a **Voltage Detector** or **Reset IC**. These components are critical in electronic systems to monitor power supply levels and ensure microcontrollers or microprocessors start or shut down correctly to prevent data corruption. ### 1. General Specifications The part is typically manufactured by **UTC (Unisonic Technologies)**. Below is a breakdown of its core characteristics: | Feature | Specification | | :--- | :--- | | **Part Number** | 8141-AF5-D-R | | **Detection Voltage** | 4.1V (indicated by the '41' in the suffix) | | **Package Type** | SOT-25 (indicated by 'AF5') | | **Output Type** | Open Drain (indicated by 'D') | | **Packaging** | Tape and Reel (indicated by 'R') | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Details The device acts as a supervisor for power rails. Its internal logic is designed to monitor the voltage applied to its input pin and compare it against a high-precision internal reference. * **Voltage Threshold:** The "41" identifies a threshold of **4.1V**. When the supply voltage drops below this level, the IC triggers a "Reset" signal. * **Hysteresis:** To prevent "chattering" (rapid toggling) when the power is near the threshold, the device includes a small built-in hysteresis (typically around 5% of the detection voltage). * **Low Power Consumption:** These ICs are designed for ultra-low current draw, making them ideal for battery-operated devices. --- ### 3. Pin Configuration (SOT-25) While you should always verify with the official datasheet, the standard SOT-25 layout for this series is as follows: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **Vout** | Output signal (Reset signal) | | 2 | **Vdd** | Supply voltage / Sensing input | | 3 | **Vss** | Ground (GND) | | 4 | **NC/CD** | No Connection or Delay Capacitor (depending on specific variant) | | 5 | **NC** | No Connection | --- ### 4. Application Circuit Example Since this is an **Open Drain** output, a pull-up resistor is required for the output signal to reach a high logic level. ```c // Basic Logic Flow: // 1. Vdd > 4.1V --> Vout is HIGH (System runs) // 2. Vdd < 4.1V --> Vout is LOW (System in Reset) ``` ### 5. Common Uses * **Microprocessor Reset:** Ensuring the CPU doesn't execute instructions during brown-out conditions. * **Battery Checkers:** To notify the system when the battery voltage is too low. * **Power Failure Detection:** Acting as an early warning system for volatile memory protection. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Open Drain and Push-Pull output in these ICs?
    • ⤷ How does the delay capacitor (CD) affect the reset timing?
    • ⤷ Can this IC be used for a 3.3V power rail?