Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 8502SDO2V01S_V01

  • AI
    The **8502SDO2V01S_V01** is a specific part number within the Schneider Electric / Square D **Class 8502 Type S** line of magnetic contactors. These devices are used primarily for switching power to electric motors or other heavy inductive loads. --- ## 1. Technical Specifications Breakdown The part number identifies several critical electronic and physical characteristics: | Component | Description | Specification | |:---|:---|:---| | **Type** | Device Category | Type S Non-Reversing Magnetic Contactor | | **Size** | NEMA Size | Size 2 (45 Amps continuous) | | **Poles** | Number of Contacts | 3-Pole (3-Phase) | | **Coil Voltage** | Control Circuit | 24V AC (indicated by code **V01**) | | **Enclosure** | Protection Rating | Open Type (No metal box/enclosure) | | **Configuration** | Auxiliary/Special | "S" indicates separate control power | --- ## 2. Key Electronic Components ### A. Magnetic Coil (The "V01" Module) The heart of the contactor is the electromagnetic coil. In this specific model, the **V01** suffix designates a **24V AC at 60Hz** (or 120V/24V via transformer depending on sub-configuration) coil. - **Function:** When energized, it creates a magnetic field that pulls the armature down. - **Inrush Power:** Requires a specific VA (Volt-Ampere) rating to pull the contacts closed. - **Sealed Power:** Requires a lower VA rating to hold the contacts in place. ### B. Power Contacts These are the heavy-duty conductive points that open and close the circuit. - **Material:** Typically silver-cadmium oxide or similar alloys to resist "welding" and arcing. - **Rating:** Rated for up to **45 Amps** under NEMA Size 2 standards. ### C. Auxiliary Contacts The "S" in the part number often relates to the inclusion of auxiliary contact logic. - **Normally Open (N.O.):** Used for "holding" circuits (latching). - **Normally Closed (N.C.):** Used for interlocking or status signaling. --- ## 3. Applications and Usage The **8502SDO2V01S** is commonly found in industrial control panels for: 1. **Motor Control:** Starting/Stopping 3-phase motors up to 25 HP at 480V. 2. **Heating Loads:** Managing resistive heating elements in industrial furnaces. 3. **Lighting Control:** Handling large banks of high-intensity discharge (HID) lighting. --- ## 4. Wiring Diagram (Logical Representation) ```mermaid graph TD L1[Line 1] --> C1[Contact 1] --> T1[Load 1] L2[Line 2] --> C2[Contact 2] --> T2[Load 2] L3[Line 3] --> C3[Contact 3] --> T3[Load 3] SubGraph_Coil[Control Circuit] V24A[24V AC Source] --> S1[Switch/PLC] S1 --> Coil[Magnetic Coil] Coil --> V24B[Common] ```
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of a NEMA Size 2 contactor?
    • ⤷ Can the 24V AC coil be replaced with a 120V AC coil in this model?
    • ⤷ What is the difference between an 8502 (Contactor) and an 8536 (Motor Starter)?