Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 8502SHO2V05

  • AI
    The **8502SHO2V05** is a specific model of a NEMA-rated magnetic contactor manufactured by **Schneider Electric (Square D)**. It is primarily used for switching power to electric motors or large resistive loads. Below is a breakdown of its electronic and electromechanical components. --- ### 1. Technical Specifications Overview This device is part of the Type S family of contactors. The model number identifies specific characteristics: | Feature | Specification | | :--- | :--- | | **NEMA Size** | Size 0 | | **Continuous Ampere Rating** | 18 Amperes | | **Number of Poles** | 3-Pole (3-Phase) | | **Coil Voltage** | 440V AC @ 50Hz / 480V AC @ 60Hz | | **Enclosure Type** | Open (No outer box, intended for panel mounting) | | **Phase System** | 3-Phase | --- ### 2. Core Electronic & Mechanical Components #### A. The Magnetic Coil (The "V05" Suffix) The suffix **V05** designates the specific coil voltage required to operate the contactor. * **Operating Voltage:** 480V AC (Standard US industrial power). * **Function:** When energized, the coil creates an electromagnetic field that pulls the armature down, closing the power contacts. * **Material:** Encapsulated copper windings designed to resist moisture and physical shock. #### B. Power Contacts These are the heavy-duty "switches" that carry the high-current load to the motor. * **Material:** Silver cadmium oxide contacts. This material provides high conductivity and resists "welding" or pitting caused by electrical arcing. * **Configuration:** Normally Open (N.O.). #### C. Arc Suppressors / Chutes Because breaking 480V circuits creates sparks (arcs), the 8502SHO2V05 features arc chutes. These are designed to stretch, cool, and extinguish the arc quickly to prevent damage to the contacts. #### D. The Armature and Spring Mechanism * **Armature:** A precision-ground steel core that reacts to the coil's magnetic field. * **Return Spring:** Ensures that when power is removed from the coil, the contacts snap open instantly to stop the motor. --- ### 3. Wiring and Terminal Layout | Terminal Label | Component | Purpose | | :--- | :--- | :--- | | **L1, L2, L3** | Line Terminals | Main power input from the source (e.g., 480V Mains). | | **T1, T2, T3** | Load Terminals | Power output leading to the motor or device. | | **A1, A2** | Coil Terminals | Connection for the control circuit (480V signal). | --- ### 4. Application Usage The 8502SHO2V05 is an **Across-the-Line** starter component. It does not provide overload protection on its own (it is a contactor, not a full "motor starter" which would include an overload relay). It is commonly found in: * HVAC systems (Chillers/Fans). * Industrial conveyor belts. * Pump control panels. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this 8502SHO2V05 contactor and a full 8536 motor starter?
    • ⤷ Can the coil in this unit be replaced with a 120V coil if the control circuit changes?
    • ⤷ How do you wire an auxiliary contact to this specific NEMA Size 0 frame?