8536SHO2V02H30SX11
AI

The part number **8536SHO2V02H30SX11** refers to a highly specific, custom-configured NEMA magnetic starter from the **Square D (Schneider Electric) Type S** product line.
Below is a breakdown of the electronic and electromechanical components of this device.
---
## 1. Technical Specification Table
| Attribute | Specification |
| :--- | :--- |
| **Product Type** | NEMA Magnetic Starter (Type S) |
| **NEMA Size** | Size 6 (Rated for high current) |
| **Poles** | 3-Pole (3-Phase motor control) |
| **Control Voltage** | 120V AC @ 60Hz / 110V AC @ 50Hz |
| **Overload Type** | Motor Logic Solid-State Overload (H30) |
| **Enclosure Type** | Open (No cabinet/chassis) |
| **Specific Suffixes** | S11 (Custom modification code) |
---
## 2. Key Electronic Components
### A. The Magnetic Contactor (8536)
The core electromechanical part is the contactor. It uses an electromagnetic coil to pull in a set of heavy-duty power contacts.
* **Coil (V02):** This indicates the control circuit operates at **120V AC**. When power is applied to the coil, it creates a magnetic field that closes the main contacts to start the motor.
* **Power Contacts:** Silver-cadmium oxide contacts designed to handle the high-inrush current of large industrial motors.
### B. Motor Logic Solid-State Overload Relay (H30)
The **H30** designation refers to a **Motor Logic Solid-State Overload Relay**. Unlike traditional thermal melting alloys, this is an electronic component that provides:
* **Phase Loss Protection:** Detects if one phase of the power supply goes missing.
* **Adjustable Trip Class:** Allows the user to select Class 10 or Class 20 trip settings based on motor start-up time.
* **Ambient Insensitivity:** Electronic monitoring ensures the trip point isn't affected by the temperature of the room/cabinet.
### C. Auxiliary Contacts (X11)
The **X11** suffix usually denotes the addition of auxiliary contacts.
* These are smaller, low-current switches attached to the side of the main contactor.
* They are used for signaling (e.g., turning on a "Run" light on a control panel) or for interlocking with other machinery.
---
## 3. Wiring and Control Interface
The device utilizes several connection points for electronic integration:
1. **L1, L2, L3:** Line-in power terminals.
2. **T1, T2, T3:** Load-out terminals (to the motor).
3. **A1/A2:** Coil terminals for the 120V control signal.
4. **95/96 & 97/98:** The NC (Normally Closed) and NO (Normally Open) contacts on the electronic overload relay for fault signaling.
---
## 4. Summary of Naming Convention
* **8536:** NEMA Starter.
* **S:** Type S design.
* **HO:** Size 6 (Heavy Industrial).
* **2:** 3-Pole.
* **V02:** 120V 60Hz Coil.
* **H30:** Solid-state overload relay.
* **S11:** Specific internal modifications (often specific mounting or specialized auxiliary contact configurations).
---
- ⤷What is the maximum horsepower rating for a NEMA Size 6 starter?
- ⤷ How do I reset the Motor Logic Solid-State Overload after a trip?
- ⤷ Can the coil voltage be converted from 120V to 240V?