8536SHO2V06H672
AI

The part number **8536SHO2V06H672** refers to a specific configuration of a **NEMA Size 6 Magnetic Motor Starter** from the Square D (Schneider Electric) Type S line. These devices are used to start, stop, and protect high-horsepower industrial electric motors.
---
## Technical Specifications Breakout
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Type** | 8536 | NEMA Magnetic Motor Starter |
| **Size** | SH | NEMA Size 6 (Rated for high current/HP) |
| **Enclosure** | O | Open Style (Requires an external panel/cabinet) |
| **Poles** | 2 | 2-Pole configuration (Single-phase or specific DC use) |
| **Voltage Code** | V06 | 480V AC, 60Hz / 440V AC, 50Hz Coil |
| **Overload Relay** | H672 | Specific electronic or thermal overload configuration |
---
## Electronic & Electromechanical Components
### 1. The Magnetic Contactor
The core of this unit is a heavy-duty NEMA Size 6 contactor.
* **Current Rating:** Size 6 units are typically rated for a continuous current of **540 Amperes**.
* **Switching Mechanism:** Uses an electromagnetic coil to pull in heavy copper contacts to complete the circuit to the motor.
### 2. The Operating Coil (V06)
The "V06" designation indicates the electronics governing the actuation of the starter.
* **Voltage:** Designed for **480V** industrial power systems.
* **Inrush/Sealed VA:** Because Size 6 contacts are physically large and heavy, the coil requires a significant "inrush" of current to close the contacts, which then drops to a lower "sealed" wattage once the circuit is closed.
### 3. Overload Protection (H672)
The "H" suffix usually denotes a specific type of **Overload Relay** assembly.
* **Function:** It monitors the current flowing to the motor. If the current exceeds a set threshold for a specific duration (indicating a jam or motor fault), the relay trips and opens the control circuit to prevent the motor from burning out.
* **H672 Specification:** This often refers to a specific trip class or a specialized electronic sensing module tailored for large-scale industrial loads.
### 4. Auxiliary Contacts
This starter typically includes auxiliary contact blocks used for control logic:
* **Normally Open (NO):** Used for "seal-in" circuits (keeping the motor running after the Start button is released).
* **Normally Closed (NC):** Used for status indication or interlocking with other machinery.
---
## Typical Applications
Due to the **Size 6** rating, this specific part is designed for massive industrial loads, such as:
* Large centrifugal pumps.
* Industrial rock crushers or grinders.
* Main air compressor units for manufacturing plants.
* Heavy-duty conveyors.
- ⤷
What is the maximum Horsepower (HP) rating for a NEMA Size 6 starter at 480V?
- ⤷ How does the H672 overload relay differ from standard thermal melting alloy heaters?
- ⤷ Can this 2-pole starter be converted for 3-phase motor applications?