88C11-AF5-R
AI

The **88C11-AF5-R** is a specific electronic component, typically categorized as a **Low Dropout (LDO) Voltage Regulator** or a **Voltage Detector/Reset IC**, often manufactured by companies like UTC (Unisonic Technologies).
Below is a detailed breakdown of its specifications and technical characteristics.
---
### 1. General Specifications
The 88C11-AF5-R belongs to a family of CMOS-based integrated circuits designed for power management in battery-operated devices.
| Feature | Description |
| :--- | :--- |
| **Part Number** | 88C11-AF5-R |
| **Package Type** | SOT-25 / SOT-23-5 (indicated by "AF5") |
| **Function** | Voltage Regulator / Supervisor |
| **Technology** | CMOS |
| **RoHS Status** | Lead-Free / Halogen Free (indicated by "R") |
---
### 2. Pin Configuration (SOT-25)
Standard 5-pin configuration for this series usually follows this layout:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Voltage |
| 2 | **VSS** | Ground |
| 3 | **CE / EN** | Chip Enable (Active High) |
| 4 | **NC / BP** | No Connection or Bypass Capacitor |
| 5 | **VOUT** | Regulated Output Voltage |
---
### 3. Key Technical Characteristics
* **Low Quiescent Current:** Designed to consume very little power during standby, extending battery life.
* **Low Dropout Voltage:** Can maintain a stable output even when the input voltage is only slightly higher than the output.
* **High Accuracy:** Usually provides an output voltage with a tolerance of $\pm 2\%$.
* **Built-in Protection:** Often includes thermal shutdown and short-circuit current limiting.
---
### 4. Part Number Decoder
The nomenclature of the part can be broken down to understand its specific attributes:
| Segment | Meaning |
| :--- | :--- |
| **88C11** | Series Model (Designates the specific voltage and function) |
| **A** | Version/Accuracy Grade |
| **F5** | Package Code (SOT-25) |
| **R** | Tape & Reel Packaging (and typically Halogen-free) |
---
### 5. Common Applications
Due to its small footprint and efficiency, this part is commonly found in:
1. **Mobile Phones:** Local power regulation for RF or Logic blocks.
2. **Portable Electronics:** MP3 players, cameras, and handheld GPS.
3. **Battery-Powered Tools:** Providing a stable reference voltage for microcontrollers.
- ⤷
What is the specific output voltage for the 88C11-AF5-R version?
- ⤷ Can this component be used in automotive applications?
- ⤷ What are the equivalent alternatives for this UTC voltage regulator?