88C15-AF5-R
AI

The **88C15-AF5-R** is a specific part number belonging to a series of **Low Dropout (LDO) Voltage Regulators**. Based on standard semiconductor nomenclature (specifically associated with manufacturers like UTC - Unisonic Technologies), this component is designed for power management in electronic circuits.
---
### 1. Technical Specifications
The following table outlines the typical characteristics of the 88C15 series:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | 88C15-AF5-R |
| **Component Type** | CMOS Low Dropout (LDO) Voltage Regulator |
| **Output Voltage** | 1.5V (Fixed) |
| **Output Current** | ~150mA to 300mA (typical for this series) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Dropout Voltage** | Very Low (typically < 200mV at full load) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
To understand the specific variant, the code can be decoded as follows:
* **88C**: Series designation (High-speed LDO, CMOS process).
* **15**: Indicates the output voltage (1.5 Volts).
* **AF5**: Refers to the package type (SOT-25 / SOT-23-5).
* **R**: Tape and Reel packaging (standard for automated SMT assembly).
---
### 3. Pin Configuration (SOT-25)
Standard pinout for this LDO package is typically:
1. **VIN**: Input Voltage Supply.
2. **GND**: Ground.
3. **CE (or EN)**: Chip Enable (Active High).
4. **NC / ADJ**: No connection or voltage adjustment (if applicable).
5. **VOUT**: Regulated 1.5V Output.
---
### 4. Key Applications
Because of its small footprint and low power consumption, the 88C15-AF5-R is commonly used in:
* **Mobile Devices:** Smartphones and tablets for sub-rail regulation.
* **Battery-Powered Equipment:** Due to low quiescent current.
* **Reference Voltages:** Providing stable 1.5V for microcontrollers or DSP cores.
* **Wireless Modules:** Bluetooth or WiFi modules requiring clean power.
---
### 5. Circuit Implementation Example
A typical implementation requires two ceramic capacitors to ensure stability:
```text
Input (2.5V - 6V) ----[ C1: 1uF ]---- VIN [ 88C15 ] VOUT ----[ C2: 1uF ]---- Output (1.5V)
| |
GND CE (Tie to VIN to Enable)
```
- ⤷
What is the maximum input voltage for the 88C15-AF5-R?
- ⤷ Can this LDO be used for adjustable voltage outputs?
- ⤷ What are the equivalents for this part from other manufacturers like TI or Microchip?