88C34L-AF5-R
AI

The **88C34L-AF5-R** is a low-power, high-precision voltage detector integrated circuit (IC) commonly used for system monitoring and reset generation. It is typically manufactured by UTC (Unisonic Technologies).
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its behavior and physical characteristics:
| Parameter | Details |
| :--- | :--- |
| **Part Number** | 88C34L-AF5-R |
| **Function** | Voltage Detector / Reset IC |
| **Detection Voltage** | 3.4V (Fixed) |
| **Output Type** | CMOS Output (Active Low) |
| **Package Type** | SOT-25 (AF5) |
| **Operating Temperature** | -40°C to +85°C |
| **Supply Current** | Very Low (typically ~1μA to 3μA) |
---
### 2. Key Features
* **High Accuracy:** Usually provides ±2% detection voltage accuracy.
* **Low Power Consumption:** Designed for battery-operated devices to extend life.
* **Hysteresis Characteristics:** Built-in hysteresis prevents "chatter" or unstable switching when the monitored voltage is near the threshold.
* **Small Footprint:** The SOT-25 package is ideal for space-constrained PCB designs.
---
### 3. Pin Configuration (SOT-25)
While you should always verify with the specific datasheet, the standard layout for this series is as follows:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **OUT** | Reset Output (Active Low) |
| 2 | **VDD** | Input Voltage / Power Supply |
| 3 | **VSS** | Ground (GND) |
| 4 | **NC** | No Connection |
| 5 | **NC** | No Connection |
---
### 4. Typical Application Circuit
The 88C34L is used to ensure a microcontroller (MCU) or microprocessor starts only when the power supply is stable.
```mermaid
graph LR
VCC(Power Supply) --> VDD[88C34L VDD Pin]
VDD --> OUT[OUT Pin]
OUT --> RESET[MCU Reset Pin]
VSS[VSS Pin] --> GND(Ground)
```
---
### 5. Part Number Decoding
* **88C**: Series identification (Voltage Detector).
* **34**: Detection voltage (3.4 Volts).
* **L**: Lead-free/Halogen-free.
* **AF5**: Package code for SOT-25.
* **R**: Tape and Reel packaging.
- ⤷
What is the difference between CMOS and Open-Drain output in voltage detectors?
- ⤷ Can this IC be used with a 5V system if the threshold is 3.4V?
- ⤷ What is the typical hysteresis range for the 88C series?