88C37-AF5-R
AI

The **88C37-AF5-R** is a specific electronic component, typically categorized as a **Low Dropout (LDO) Voltage Regulator** or a similar power management integrated circuit (IC), often manufactured by companies like UTC (Unisonic Technologies).
Below is a detailed breakdown of its specifications, pin configuration, and technical characteristics.
---
### 1. Technical Specifications
The part number suffix typically indicates the packaging and voltage output. For the 88C37 series, the "37" often refers to a 3.7V output, though this can vary by manufacturer series.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Part Type** | Low Dropout Voltage Regulator (LDO) |
| **Output Voltage** | 3.7V (Fixed) |
| **Input Voltage Range** | Up to 12V - 15V (Max) |
| **Output Current** | ~300mA to 500mA (Dependent on thermal dissipation) |
| **Package Type** | SOT-25 / SOT-23-5 (indicated by AF5 code) |
| **Operating Temp** | -40°C to +85°C |
| **RoHS Status** | Lead-Free / Halogen Free (indicated by -R) |
---
### 2. Pin Configuration (SOT-25)
Most components in the **AF5** (SOT-25) package follow a standard layout for LDOs:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Voltage Supply |
| 2 | **GND** | Ground Reference |
| 3 | **CE / EN** | Chip Enable (Active High) |
| 4 | **NC / BYP** | No Connection or Bypass Capacitor |
| 5 | **VOUT** | Regulated Output Voltage |
---
### 3. Key Features & Applications
The 88C37 series is designed for battery-operated devices where power efficiency and space are critical.
* **Low Quiescent Current:** Minimizes power drain when the device is in standby mode.
* **Low Dropout Voltage:** Can maintain a stable output even when the input voltage is only slightly higher than the output voltage.
* **Built-in Protections:** Usually includes thermal shutdown and short-circuit current limiting.
**Common Applications:**
* Mobile Phones and Smartphones.
* Portable Media Players.
* Battery-powered instrumentation.
* Wireless Communication Modules.
---
### 4. Part Number Decoder
Understanding the nomenclature helps in sourcing replacements:
* **88C**: Series designation (Standard LDO).
* **37**: Voltage identifier (3.7 Volts).
* **AF5**: Package code (SOT-25 / SOT-23-5).
* **R**: Packing code (usually Tape & Reel).
- ⤷
What are the equivalent alternative parts for the 88C37-AF5-R?
- ⤷ How do I calculate the heat dissipation requirements for this SOT-25 package?
- ⤷ Can this regulator be used with an input voltage of 12V safely?