Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • 88C43L-AF5-R

  • AI
    The **88C43L-AF5-R** is a specific low-voltage detector (voltage supervisor) integrated circuit. It is primarily used to monitor power supply rails and ensure that microcontrollers or other digital systems do not operate during "brown-out" conditions or low voltage states. ### 1. General Specifications Based on the part numbering (commonly associated with UTC - Unisonic Technologies), here is the breakdown of its core characteristics: | Parameter | Specification | | :--- | :--- | | **Device Type** | Voltage Detector / Reset IC | | **Detection Voltage** | 4.3V (indicated by "43") | | **Voltage Tolerance** | ±2% typical | | **Output Type** | CMOS Output (Push-Pull) | | **Package Type** | SOT-25 / SOT-23-5 (indicated by "AF5") | | **RoHS Status** | Halogen Free / Lead Free (indicated by "R") | --- ### 2. Part Number Breakdown Understanding the suffix and prefix helps in identifying the exact variant for PCB design: * **88C43**: The base series and detection threshold. `43` means it triggers a reset signal when the supply falls below **4.3V**. * **L**: Typically indicates a "Low" lead-free or specific temperature grade (Check manufacturer datasheet for specific logic). * **AF5**: Refers to the physical package style, in this case, a **SOT-23-5** (5-pin small outline transistor package). * **R**: Tape and Reel packaging for automated SMT assembly. --- ### 3. Pin Configuration (Typical SOT-23-5) While you should always verify with the official datasheet, the standard pinout for this class of IC is usually: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **Vout** | Output signal (Reset signal) | | 2 | **Vdd** | Supply voltage / Input voltage sense | | 3 | **Vss** | Ground (GND) | | 4 | **NC / CD** | No Connection or Delay Capacitor (depending on variant) | | 5 | **NC** | No Connection | --- ### 4. Key Applications * **Microprocessor Reset:** Provides a clean reset signal to a CPU during power-up or power-down. * **Battery Monitoring:** Signals a system to shut down safely when a battery reaches a critical low level. * **Brown-out Protection:** Prevents memory corruption by halting the processor if the voltage dips momentarily. --- ### 5. Example Schematic Usage In a typical circuit, the `Vout` pin is connected directly to the `RESET` pin of a Microcontroller (MCU). ```mermaid graph LR VCC((Power 5V)) --> VDD[88C43L Vdd] GND((GND)) --> VSS[88C43L Vss] Vout[88C43L Vout] --> RESET[MCU Reset Pin] ```
    ✨ Follow-up Questions
    • What is the difference between CMOS and Open-Drain output for this IC?
    • Does the 88C43L have a built-in delay time for the reset signal?
    • Can this IC be used for 3.3V logic systems?