88C56L-AF5-R
AI

The **88C56L-AF5-R** is a specific part number typically associated with high-precision voltage detectors or reset ICs, commonly manufactured by vendors like **UTC (Unisonic Technologies)**.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
This component is a **CMOS-based voltage detector** designed to monitor power supply rails. Its primary function is to trigger a reset signal when the voltage drops below a specified threshold, ensuring that microprocessors or digital circuits do not operate under unstable power conditions.
### 2. Technical Specifications
Based on the part numbering convention, the key technical parameters are outlined in the table below:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Voltage Detector / Reset IC |
| **Detection Voltage** | 5.6V (indicated by '56') |
| **Output Configuration** | CMOS Output (Active Low) |
| **Operating Voltage Range** | 0.7V to 10V (Typical) |
| **Ultra-Low Current Consumption** | ~1.0µA to 3.0µA |
| **Package Type** | SOT-25 (indicated by 'AF5') |
| **Operating Temperature** | -40°C to +85°C |
| **Lead-Free Status** | Halogen Free / RoHS Compliant ('R') |
---
### 3. Pin Configuration (SOT-25)
The AF5 package (SOT-25) typically follows this pinout structure:
1. **Vout**: Output Pin (Sends the reset signal).
2. **Vdd**: Power Supply/Input Voltage Sense.
3. **Vss**: Ground.
4. **NC/CD**: No Connection or Delay Capacitance (depending on specific sub-series).
5. **NC**: No Connection.
---
### 4. Part Number Decoder
Understanding the suffix codes helps in identifying the exact variant:
* **88C**: Series designation for CMOS Voltage Detectors.
* **56**: Threshold Voltage (5.6 Volts).
* **L**: Accuracy Class (typically ±2%).
* **AF5**: Package code for **SOT-25**.
* **R**: Packing code (Tape & Reel) and Lead-free/Halogen-free requirements.
---
### 5. Common Applications
* **Microprocessor Reset**: Provides a clean reset signal during power-up or brown-out conditions.
* **Battery Monitoring**: Prevents deep discharge by signaling when battery voltage is low.
* **Level Discriminator**: Used in circuits that require a logic change at a specific voltage level.
---
- ⤷
What is the difference between CMOS and Open-Drain output in voltage detectors?
- ⤷ How do I calculate the external delay time for this IC?
- ⤷ What are the alternative packages available for the 88C series?