88C58L-AF5-R
AI

The **88C58L-AF5-R** is a specific electronic component, typically identified as a **Low Dropout (LDO) Voltage Regulator** or a specific **Voltage Detector/Reset IC**, often manufactured by UTC (Unisonic Technologies) or similar vendors.
Below is a detailed breakdown of its specifications, pinout, and functional characteristics.
---
### 1. General Overview
The 88C58L series is primarily designed for monitoring power supply voltages in microprocessor systems. It ensures that the system is reset or held in a safe state when the power supply falls below a specific threshold.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Voltage Detector / Reset IC |
| **Detection Voltage** | 5.8V (indicated by '58') |
| **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') |
| **Accuracy** | ±2% |
| **Output Type** | CMOS or Open Drain (depending on specific suffix) |
| **RoHS Status** | Halogen Free / Lead Free (indicated by 'R') |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the exact variant:
* **88C**: Series identifier (Voltage Detector).
* **58**: Threshold Voltage (5.8V).
* **L**: Low power consumption / Lead-free indicator.
* **AF5**: Package code (SOT-23-5).
* **R**: Tape and Reel packaging.
---
### 3. Pin Configuration (SOT-23-5)
The device typically follows a standard 5-pin layout for voltage detectors:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **Vout** | Reset Output (Active Low or High) |
| 2 | **Vdd** | Supply Voltage / Input Voltage |
| 3 | **Vss** | Ground (GND) |
| 4 | **NC / CD** | No Connection or Delay Capacitor (model dependent) |
| 5 | **NC** | No Internal Connection |
---
### 4. Technical Characteristics
* **Ultra-Low Current Consumption:** Usually in the range of $1\mu A$ to $3\mu A$, making it ideal for battery-operated devices.
* **Hysteresis Characteristics:** Typically 5% of the detection voltage to prevent "chattering" or rapid switching when the voltage fluctuates near the threshold.
* **Operating Voltage Range:** Can typically handle inputs from 1.0V to 10V or higher depending on the specific fabrication process.
---
### 5. Application Circuit Example
To use this part, a pull-up resistor is often required if the output is "Open Drain."
```c
// Typical Connection Logic
[Vdd Supply] ----+---- [Vdd Pin 2]
|
[Pull-up Resistor]
|
+---- [Vout Pin 1] ----> [MCU Reset Pin]
|
[GND] -----------+---- [Vss Pin 3]
```
---
### 6. Common Applications
* Microprocessor reset circuitry.
* Battery life monitors.
* Power failure detection.
* Non-volatile RAM write protection.
---
- ⤷What is the difference between the CMOS and Open Drain output versions of this IC?
- ⤷ Can this part be used for 3.3V systems
- ⤷ or is it strictly for 5.8V?
- ⤷ What are the recommended alternatives if the 88C58L is out of stock?