A-DF15LL-WP-R
AI

The **A-DF15LL-WP-R** is a specialized electronic component primarily used in industrial and telecommunications hardware. It is a **D-Subminiature connector** designed for environmental resilience.
Below is a detailed breakdown of its specifications and features.
---
### 1. Technical Specifications
The part number follows standard industry nomenclature for high-density or waterproof D-sub connectors.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | D-Subminiature |
| **Pin Count** | 15 Pins |
| **Gender** | Female (Socket) |
| **Mounting Type** | Through-hole / Right Angle (depending on PCB layout) |
| **Waterproof Rating** | IP67 / IP68 (WP designation) |
| **Contact Plating** | Gold (R designation often implies RoHS compliance) |
| **Shell Material** | Steel with Nickel or Tin plating |
---
### 2. Key Part Number Breakdown
Understanding the alphanumeric code helps identify the specific variant of the component:
* **A-DF:** Series prefix indicating a D-Sub Female connector.
* **15:** The number of positions (pins).
* **LL:** Refers to the physical footprint or "Long Lead" / Locking mechanism style.
* **WP:** **Water-Proof**. This indicates the connector includes a silicone O-ring or potting to prevent moisture ingress.
* **R:** **RoHS Compliant**. This confirms the part is manufactured without hazardous substances like lead.
---
### 3. Structural Features
This component is built for "harsh environment" applications.
* **Sealing:** It features a specialized frame and a rear-sealing gasket to maintain a vacuum or water-tight seal when mounted to a chassis.
* **Durability:** Designed for high mating cycles, often featuring gold-plated copper alloy contacts to prevent oxidation.
* **Shielding:** The metal shell provides EMI/RFI protection, which is critical for data integrity in noisy industrial environments.
---
### 4. Common Applications
Due to the **WP (Waterproof)** rating, this part is rarely used in standard office computers. Instead, it is found in:
* **Marine Electronics:** GPS and sonar equipment.
* **Industrial Automation:** Control panels exposed to wash-down cycles.
* **Outdoor Telecommunications:** Signal boxes and cellular base stations.
* **Medical Equipment:** Devices requiring frequent sterilization or liquid resistance.
---
- ⤷What is the current rating for each pin in the A-DF15LL-WP-R?
- ⤷ Can this connector be used with standard D-sub cables?
- ⤷ What is the recommended mounting torque for the waterproof seal?