Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • A-MCSP-80005-R-AP-R

  • AI
    The **A-MCSP-80005-R-AP-R** is a specific networking component manufactured by **Assmann WSW Components**. It belongs to the category of Modular Connectors, specifically an **RJ45 (8P8C) Modular Plug**. --- ## 1. Technical Specifications The part is designed for high-speed data transmission and environmental durability. Below are the primary electronic and physical specifications: | Parameter | Specification | | :--- | :--- | | **Connector Type** | RJ45 (Registered Jack) | | **Gender** | Plug (Male) | | **Positions/Contacts** | 8P8C (8 Positions, 8 Contacts) | | **Cable Type** | Round Cable | | **Shielding** | Shielded (Metal Shell) | | **Mounting Type** | Free Hanging (In-Line) | | **Contact Finish** | Gold Plating | | **Termination** | IDC (Insulation Displacement Contact) | --- ## 2. Key Component Features ### A. Shielding (The "-R-AP-R" suffix) The "R" and "AP" designations in the part number typically refer to the **Shielded** nature of the connector. * **EMI Protection:** The metal housing protects the internal signal from electromagnetic interference. * **Grounding:** The shield provides a path for grounding, which is essential for STP (Shielded Twisted Pair) cables like Cat5e or Cat6. ### B. Gold Plated Contacts The contacts are plated with gold (usually measured in micro-inches). This is critical for: * **Corrosion Resistance:** Prevents oxidation over time. * **Conductivity:** Ensures low contact resistance for high-speed data packets. ### C. IDC Termination The internal pins are designed to pierce the insulation of the individual wires within an Ethernet cable. This creates a gas-tight connection without the need for stripping individual wires. --- ## 3. Physical Construction The part is composed of three main layers: 1. **Inner Housing:** Clear polycarbonate (UL 94V-0 or 94V-2 rated) to hold the pins. 2. **Shielding Shell:** Nickel-plated brass or copper alloy shell. 3. **Latching Mechanism:** A standard flexible tab to secure the plug into a female RJ45 jack. --- ## 4. Typical Applications * **Networking Hardware:** Patch cables for switches, routers, and servers. * **Industrial Ethernet:** Used in environments where electrical noise (EMI) is present. * **Telecommunications:** High-speed broadband connections.
    ✨ Follow-up Questions
    • ⤷ What is the specific AWG wire gauge range supported by this RJ45 plug?
    • ⤷ Does this connector meet Cat6 or Cat6a performance standards?
    • ⤷ Is a specific crimping tool required for the shielded shell of this model?