Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • A-MCSSP60150-Y-R

  • AI
    The **A-MCSSP60150-Y-R** is a specific electronic component, typically classified as a **Modular Plug (RJ45)** designed for high-speed networking applications. Based on standard industry nomenclature (often associated with brands like Assmann WSW), this part is a shielded connector used for terminating Ethernet cables. --- ## 🛑 Technical Specifications The following table summarizes the key electronic and physical characteristics of the part: | Feature | Specification | | :--- | :--- | | **Connector Type** | Modular Plug (RJ45 / 8P8C) | | **Shielding** | Shielded (Metal Shell) | | **Performance Category** | Cat6 / Cat6a (High Speed) | | **Contact Plating** | Gold Plating (typically 30µ" to 50µ") | | **Wire Gauge Support** | 24 - 26 AWG (Stranded/Solid) | | **Orientation** | Straight / Male | | **RoHS Status** | Compliant (R-suffix) | --- ## 🛠️ Detailed Breakdown of the Part Number The alphanumeric string provides specific details about the component's construction: ### 1. A-MCSSP * **A**: Often denotes the manufacturer prefix. * **MC**: Modular Connector. * **SS**: **S**hielded **S**hell. This indicates the part has a metal casing to protect against Electromagnetic Interference (EMI). * **P**: Plug (Male connector). ### 2. 60150 * **6**: Indicates the Category rating (Cat6). * **0150**: Internal manufacturer series code or package quantity indicator. ### 3. Y-R * **Y**: Typically refers to the plating type (Yellow/Gold) or a specific round cable entry design. * **R**: Indicates **RoHS Compliance**, meaning the part is free from lead and other hazardous substances. --- ## 🔌 Electronic Properties 1. **Signal Integrity**: Because it is Cat6 rated and shielded, it supports data transfer rates up to 10 Gbps at short distances and significantly reduces "crosstalk" between internal wire pairs. 2. **Contact Resistance**: Designed for low resistance (typically < 20 mΩ) to ensure minimal signal loss. 3. **Insulation Resistance**: High threshold (usually > 500 MΩ) to prevent current leakage between the 8 pins. 4. **Voltage Rating**: Generally rated for 150V AC/DC, sufficient for Power over Ethernet (PoE) applications. --- ## 📦 Common Applications * **STP (Shielded Twisted Pair) Cables**: Used in environments with high electrical noise (factories, server rooms). * **Patch Cord Manufacturing**: Used by technicians to create custom-length Ethernet cables. * **Networking Hardware**: Connecting workstations to switches or routers.
    ✨ Follow-up Questions
    • ⤷ What are the specific crimping tool requirements for this shielded RJ45 plug?
    • ⤷ How does this 'SS' shielded version compare to the 'U' unshielded version in terms of signal noise?
    • ⤷ Is this connector compatible with Cat6A 10-Gigabit Ethernet standards?