A-RJ45GFS
AI

The **A-RJ45GFS** is a high-performance, industrial-grade RJ45 connector, often characterized as a **modular jack with integrated magnetics** (also known as a MagJack). These components are essential for Ethernet communication, combining the mechanical connection and the necessary electrical isolation into a single package.
---
### 1. Technical Specifications Overview
The A-RJ45GFS series typically follows these standard electrical and physical parameters:
| Parameter | Description |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Shielding** | Metal Shield (EMI protection) |
| **Mounting Type** | Through-hole (THT) or SMT |
| **Orientation** | Right Angle (Side Entry) |
| **LED Indicators** | Often dual LED (Green/Yellow) |
| **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) |
---
### 2. Key Internal Electronic Components
The "GFS" designation usually refers to a specific configuration of integrated magnetics. Unlike a standard plastic jack, this part contains:
1. **Isolation Transformers:** These provide galvanic isolation between the PHY (Physical Layer) chip and the network cable, protecting the circuitry from static and high-voltage surges.
2. **Common Mode Chokes:** Used to suppress Electromagnetic Interference (EMI) and ensure signal integrity across the twisted pair cables.
3. **Bob Smith Termination:** A resistor-capacitor network integrated inside the jack to reduce common-mode noise and match impedance.
4. **LED Circuitry:** Integrated resistors are often included to allow direct connection to the MCU/SOC status pins.
---
### 3. Pinout and Interface
The component bridges the gap between the PCB and the Ethernet cable:
* **Cable Side (Front):** Standard 8-pin interface for Cat5e/Cat6 cables.
* **PCB Side (Bottom):**
* **Signal Pins:** Connect to the Ethernet Transceiver (PHY).
* **Shield Tabs:** Connected to Chassis Ground to drain EMI.
* **LED Pins:** Anode and Cathode pins for link and activity status.
---
### 4. Common Applications
* **Networking Equipment:** Routers, switches, and hubs.
* **Industrial Automation:** PLCs and Industrial PCs (due to the high EMI resistance).
* **IoT Gateways:** Devices requiring stable long-distance wired communication.
- ⤷
What is the difference between a standard RJ45 and a MagJack like the A-RJ45GFS?
- ⤷ How do the integrated LEDs in this connector typically wire to a microcontroller?
- ⤷ Does this specific part support Power over Ethernet (PoE)?