AI

Based on the part number **A115K1CWCQ0Q**, this component belongs to the **A Series** of rotary switches manufactured by **C&K** (now part of Littelfuse). These are compact, multi-pole switches commonly used in industrial controls, medical equipment, and consumer electronics.
---
### 1. Component Specifications
The part number is a coded string where each character defines a specific physical or electrical characteristic.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | A | 1-4 Pole Rotary Switch |
| **Switch Function** | 115 | 3 Position, 30° Indexing (Single Pole) |
| **Actuator** | K1 | 0.750" (19.05mm) Long, Flatted Plastic Shaft |
| **Bushing** | CW | 3/8-32 Threaded, With Keyway |
| **Contact Material** | Q | Silver-Plated (Power/Standard use) |
| **Termination** | Q | Solder Lug |
---
### 2. Electrical Characteristics
These switches are designed for moderate power levels, often used for mode selection or power switching.
* **Contact Rating:** 2.5 Amps @ 125 V AC; 350 mA @ 125 V DC.
* **Electrical Life:** 15,000 make-and-break cycles at full load.
* **Contact Resistance:** Below 20 mΩ (initial).
* **Insulation Resistance:** $10^9$ Ω minimum.
* **Dielectric Strength:** 1,000 Vrms @ sea level.
---
### 3. Physical Features
* **Indexing:** 30 degrees (Standard for 12-position maximum wheels).
* **Stopping:** Fixed stops (The "115" code indicates a specific range of motion).
* **Mounting:** Panel mount via the threaded bushing.
* **Environmental:** Operating temperature typically ranges from -30°C to +85°C.
---
### 4. Typical Applications
Due to the **Silver (Q)** contact material, this part is optimized for power applications rather than low-level logic signals (where Gold plating would be preferred). Common uses include:
1. **Industrial Equipment:** Speed selectors or mode controllers.
2. **Test Instruments:** Range selection for multimeters or oscilloscopes.
3. **Consumer Goods:** Fan speed controls or lighting mode selection.
---
- ⤷
What is the difference between the 'Q' silver contacts and 'G' gold contacts for this series?
- ⤷ Are there waterproof versions of the A-series rotary switches available?
- ⤷ How do I interpret the wiring diagram for a 3-position single pole configuration?