AA4040ZGSK
AI

The **AA4040ZGSK** is a high-performance Surface Mount (SMD) Light Emitting Diode (LED) manufactured by Kingbright. It is specifically a **Right-Angle (Side-Looking)** LED, which means it emits light parallel to the PCB surface rather than perpendicular to it.
---
### 1. Key Technical Specifications
Below are the primary electrical and optical characteristics for the AA4040ZGSK:
| Parameter | Value |
| :--- | :--- |
| **Emitting Color** | Green |
| **Material** | InGaN (Indium Gallium Nitride) |
| **Package Size** | 4.0mm x 4.0mm x 1.2mm |
| **Forward Voltage ($V_F$)** | 3.3V (Typical) / 4.1V (Max) |
| **Forward Current ($I_F$)** | 30mA (Max Continuous) |
| **Luminous Intensity ($I_v$)** | 500 - 1000 mcd @ 20mA |
| **Wavelength ($\lambda_d$)** | 525 nm (True Green) |
| **Viewing Angle** | 120° |
| **Lens Type** | Water Clear |
---
### 2. Physical Design and Dimensions
The "AA4040" prefix refers to the physical footprint of the component.
* **Form Factor:** 4.0mm x 4.0mm square base.
* **Orientation:** It is a **Right-Angle LED**. This design is critical for edge-lighting applications or status indicators on the side of a device casing.
* **Mounting:** Designed for automated SMT (Surface Mount Technology) assembly and is compatible with infrared reflow soldering.
---
### 3. Electronic Behavior and Circuit Integration
To integrate this part into an electronic circuit, it is essential to calculate the appropriate current-limiting resistor to prevent damage.
#### Resistance Calculation Example
If using a 5V power supply:
```python
# Ohms Law: R = (V_supply - V_forward) / I_target
# V_supply = 5V
# V_forward = 3.3V
# I_target = 0.02A (20mA)
R = (5 - 3.3) / 0.02
R = 85 Ohms # Use a standard 100 Ohm resistor for safety
```
### 4. Typical Applications
* **Backlighting:** Ideal for LCD displays or membrane switches.
* **Edge Indicators:** Used on the edges of PCBs to shine through holes in a plastic enclosure.
* **Consumer Electronics:** Power status lights on laptops, routers, and handheld devices.
* **Optical Encoding:** Used in sensors where side-firing light is required for a compact footprint.
---
- ⤷What is the difference between the AA4040ZGSK and a standard 0805 SMD LED?
- ⤷ What are the ESD sensitivity levels for InGaN based LEDs like this one?
- ⤷ Are there alternative colors available in the AA4040 package series?