Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AAC-AB122-R

  • AI
    The **AAC-AB122-R** is a high-performance audio amplifier board manufactured by **WONDOM** (Sure Electronics). It is designed as a Class D power amplifier module, specifically optimized for high-fidelity audio applications. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the AAC-AB122-R: | Feature | Specification | | :--- | :--- | | **Amplifier Class** | Class D | | **Output Power** | 2 x 100W @ 4 Ohm | | **Chipset** | T-AMP Technology (Tripath-style) | | **Operating Voltage** | DC 15V to 27V | | **Efficiency** | Up to 90% | | **SNR (Signal-to-Noise Ratio)** | 98 dB | | **Quiescent Current** | 60mA | --- ### 2. Major Electronic Components The board is populated with industrial-grade components to ensure thermal stability and audio clarity: #### A. Power Stage (T-AMP Technology) The board utilizes a high-efficiency controller that employs Pulse Width Modulation (PWM) to drive MOSFETs. Unlike traditional Class AB amplifiers, this allows for high power output without the need for massive heatsinks. #### B. Filtering Inductors You will notice large **toroidal or shielded inductors** near the speaker outputs. These are critical for: * Removing the high-frequency carrier wave from the Class D output. * Smoothing the signal into an analog waveform for the speakers. #### C. Electrolytic Capacitors The board features large storage capacitors (often 1000µF or higher) that act as a **Power Reservoir**. They stabilize the voltage during sudden bass peaks and reduce power supply noise (ripple). #### D. Protection Circuitry The AAC-AB122-R includes integrated circuits designed for: * **Over-temperature protection:** Shuts down if the chipset gets too hot. * **Over/Under voltage protection:** Prevents damage from unstable power supplies. * **Short-circuit protection:** Safeguards the board if speaker wires touch. --- ### 3. Connection Interface | Port Type | Function | | :--- | :--- | | **DC Jack/Terminals** | Power input (Recommended 24V 5A for full power). | | **RCA Inputs** | Unbalanced analog audio input. | | **Screw Terminals** | Left and Right channel speaker outputs. | | **Volume Control Port** | Header for external potentiometer (optional). | --- ### 4. Application Notes * **Thermal Management:** While Class D is efficient, if running at 100W per channel constantly, ensure the integrated heatsink has adequate airflow. * **Power Supply:** To achieve the rated 100W per channel, a regulated power supply of 24V-27V is required. Using a 12V supply will significantly reduce the maximum volume.
    ✨ Follow-up Questions
    • ⤷What are the best power supply options for the AAC-AB122-R?
    • ⤷ How do I connect an external volume control to this board?
    • ⤷ Can I bridge the outputs of the AAC-AB122-R for mono operation?