Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ABM2-GARA2-R

  • AI
    ### ABM2-GARA2-R: Electronic Specifications and Details The **ABM2-GARA2-R** is a specific part number for a quartz crystal unit manufactured by **Abracon**. This component is primarily used to provide a stable clock frequency for microprocessors and other digital circuits. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the exact specifications: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **ABM2** | Series | Low profile, 6.0 x 3.5 mm Surface Mount (SMT) Crystal | | **GARA2** | Custom Config | Specific frequency, tolerance, and stability parameters | | **-R** | Packaging | Tape & Reel (T&R) | --- ### 2. General Technical Specifications While "GARA2" often refers to a specific customer or application configuration, the ABM2 series generally follows these parameters: * **Frequency Range:** Typically 8.0 MHz to 50.0 MHz. * **Package Type:** 4-pad Ceramic SMD (Surface Mount Device). * **Dimensions:** 6.0 x 3.5 x 1.2 mm. * **Operating Mode:** Fundamental (Standard). * **Load Capacitance ($C_L$):** Usually 18pF or 20pF (application dependent). * **Frequency Stability:** Often ±50ppm or ±100ppm depending on temperature range. --- ### 3. Key Electronic Characteristics #### A. Quartz Material It utilizes a synthetic quartz crystal cut (AT-cut) to ensure precise vibration when an electric field is applied (the **Piezoelectric Effect**). #### B. Equivalent Series Resistance (ESR) For the ABM2 series, the ESR is kept low (typically **40Ω to 60Ω**) to ensure the crystal starts oscillating quickly and consumes minimal power. #### C. Aging These parts are designed for low aging, typically **±5ppm per year** (max), ensuring the long-term timing accuracy of the electronic device. --- ### 4. Common Applications Due to its size and reliability, the ABM2-GARA2-R is commonly found in: 1. **Communication Equipment:** Modems, routers, and wireless modules. 2. **Consumer Electronics:** Digital cameras, televisions, and gaming consoles. 3. **Industrial PC:** Motherboards and embedded controllers. --- ### 5. Circuit Design Example To use this part, it is typically connected to the `XTAL_IN` and `XTAL_OUT` pins of an IC with two load capacitors ($C_1, C_2$) grounded. ```c // Example: Calculating Load Capacitors // Formula: CL = [(C1 * C2) / (C1 + C2)] + C_stray // If the ABM2-GARA2-R requires CL = 18pF: // Use two 27pF capacitors (assuming ~5pF stray capacitance) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the GARA2 variant?
    • ⤷ Can this crystal be used in automotive applications?
    • ⤷ What are the recommended reflow soldering profiles for the ABM2 series?