Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ACE1V2012-361-R

  • AI
    ### Component Analysis: ACE1V2012-361-R The **ACE1V2012-361-R** is a specific type of surface-mount electronic component, typically categorized as a **Common Mode Choke**. These components are essential for noise suppression in high-speed differential signal lines. --- ### 1. Technical Specifications The part number follows a standard industry naming convention which reveals its physical and electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Common Mode Choke | Dual-winding filter | | **Package Size** | 2012 (Metric) / 0805 (Imperial) | $2.0mm \times 1.2mm$ | | **Impedance** | $360\ \Omega$ (at $100\text{MHz}$) | Resistance to AC noise | | **Rated Current** | $\approx 200\text{mA} - 400\text{mA}$ | Maximum continuous current | | **DC Resistance (DCR)** | Low (typically $< 0.5\ \Omega$) | Minimized power loss | | **Mounting Type** | SMD/SMT | Surface Mount Technology | --- ### 2. Core Functions The ACE1V2012-361-R performs two primary roles in a circuit: 1. **Noise Suppression:** It filters out "Common Mode" noise—interference that travels in the same direction on both lines of a pair—without affecting the actual data signal. 2. **Signal Integrity:** By reducing EMI (Electromagnetic Interference), it ensures that high-speed data transfers remain stable and error-free. --- ### 3. Common Applications Due to its small footprint and specific impedance, it is widely used in: * **USB 2.0 / 3.0 Ports:** Filtering data lines. * **HDMI/DisplayPort:** Reducing noise in video transmission. * **IEEE1394 (Firewire):** High-speed serial interfaces. * **LVDS (Low-Voltage Differential Signaling):** Used in LCD panels and automotive displays. --- ### 4. Circuit Representation In a schematic, this part is represented as two coupled inductors sharing a single core: ```text Line 1 In o---( Coil 1 )---o Line 1 Out (Core) Line 2 In o---( Coil 2 )---o Line 2 Out ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise?
    • ⤷ Can this component be replaced by a standard chip inductor?
    • ⤷ Which manufacturers produce equivalents for the ACE1V2012 series?