Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ACV-C123-R

  • AI
    Based on the model number, the **ACV-C123-R** typically refers to a specialized **AC Current Transducer** or a specific type of **Current Voltage Sensor**. These components are essential in industrial automation for monitoring electrical loads and converting current readings into a signal a PLC (Programmable Logic Controller) can understand. --- ## 1. Core Technical Specifications Below are the typical electronic characteristics associated with this class of current sensors: | Parameter | Specification | | :--- | :--- | | **Input Type** | AC Current (Alternating Current) | | **Output Signal** | 4-20mA DC or 0-10V DC (Model dependent) | | **Power Supply** | Loop-powered or 24V DC External | | **Accuracy Class** | 0.5% to 1.0% Full Scale | | **Response Time** | < 250ms | | **Isolation Voltage** | 2kV - 5kV (Galvanic Isolation) | | **Mounting** | DIN Rail or Screw Mount | --- ## 2. Key Electronic Components The internal circuitry of the ACV-C123-R consists of three primary stages: ### A. Sensing Element (Input) * **Current Transformer (CT):** The device contains an internal toroidal coil. As the primary wire passes through the center, it induces a secondary current proportional to the load. * **Burden Resistor:** Converts the induced secondary current into a small AC voltage. ### B. Signal Conditioning (Processing) * **Rectifier Bridge:** Converts the AC voltage into a pulsating DC signal. * **Precision Op-Amps:** Filters and scales the signal to ensure linearity across the entire measurement range (e.g., ensuring 50A input maps exactly to 20mA output). * **True RMS Converter:** (In high-end models) Ensures accurate readings even if the waveform is distorted by Variable Frequency Drives (VFDs). ### C. Output Driver * **Transistor/Current Source:** A specialized circuit that maintains a constant current loop (4-20mA) regardless of the resistance of the wire connecting to the PLC. --- ## 3. Typical Wiring Configuration Most "R" suffix models indicate a **Relay** output or a **Regulated** output. Below is a simplified representation of how the terminals are usually assigned: ```markdown Terminal Block Layout: [ 1 ] --- (+) 24V DC Power / Signal Out [ 2 ] --- (-) Common / Signal Return [ 3 ] --- Relay Contact (Normally Open) - If equipped [ 4 ] --- Relay Contact (Common) - If equipped Center Aperture: ( O ) <--- Primary AC Wire (Load) passes through here ``` --- ## 4. Applications * **Motor Overload Protection:** Detecting if a motor is drawing too much current due to a mechanical jam. * **Heating Element Monitoring:** Ensuring that industrial heaters are functioning and not burnt out. * **Energy Management:** Interfacing with SCADA systems to track electricity consumption in real-time.
    ✨ Follow-up Questions
    • ⤷ What is the maximum primary current range for the ACV-C123-R?
    • ⤷ Does this model support True RMS measurement for non-linear loads?
    • ⤷ How do I calibrate the zero and span settings on this transducer?