ACV-D1122-R
AI

The **ACV-D1122-R** is a specific part number typically associated with an **Electromagnetic Valve** (often used in HVAC systems, water control, or automotive applications). This specific model is a 2-way, normally closed solenoid valve designed for liquid or gas flow control.
---
### Technical Specifications
The electronic and mechanical characteristics of the ACV-D1122-R are summarized in the table below:
| Feature | Specification |
| :--- | :--- |
| **Valve Type** | Solenoid Valve (Electromagnetic) |
| **Operating Mode** | Normally Closed (NC) |
| **Coil Voltage** | Typically 110V - 120V AC (Standard for '11' series) |
| **Body Material** | Often Brass or Engineering Plastic |
| **Orifice Size** | 2.0mm to 3.0mm (Varies by sub-model) |
| **Connection Type** | Threaded (NPT or G) |
| **Pressure Range** | 0 to 10 Bar (approx. 145 PSI) |
---
### Key Electronic Components
The ACV-D1122-R operates based on the interaction between its internal electronic parts:
#### 1. The Solenoid Coil
This is the heart of the unit. When an electric current (110V/120V AC) passes through the copper windings, it generates a magnetic field.
* **Insulation Class:** Usually Class F or H (to withstand heat).
* **Power Consumption:** Typically low (5W - 10W) for energy efficiency.
#### 2. Armature/Plunger Assembly
Inside the coil sits a movable ferromagnetic plunger.
* **Mechanism:** When the coil is energized, the magnetic force pulls the plunger upward against a spring.
* **De-energized:** The spring forces the plunger down to seal the orifice, stopping flow.
#### 3. Wiring and Protection
* **Lead Wires:** Usually color-coded (Black/White or Red/Red) for connection to the AC power source.
* **Encapsulation:** The coil is typically epoxy-molded to protect the internal wiring from moisture, dust, and vibration.
---
### Application Usage
This part is commonly found in the following systems:
* **Water Purifiers:** To control the input flow of water.
* **Medical Equipment:** For precise fluid or air delivery.
* **Automation:** As an actuator in PLC-controlled pneumatic systems.
- ⤷
What is the maximum temperature rating for the ACV-D1122-R?
- ⤷ Can this solenoid valve be used with 24V DC power instead of AC?
- ⤷ What is the specific port size for the 'R' variant of this model?