AD1584BRT-R2
AI

## Technical Overview of the AD1584BRT-R2
The **AD1584BRT-R2** is a low-power, high-precision shunt mode voltage reference produced by Analog Devices. It belongs to the AD158x family, which is specifically designed to provide stable voltage outputs for high-resolution data converters and portable electronics.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 4.096 V |
| **Initial Accuracy** | ±0.1% (High Precision) |
| **Temperature Coefficient** | 50 ppm/°C |
| **Operating Current Range** | 65 µA to 10 mA |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOT-23-3 (Surface Mount) |
---
### 2. Functional Characteristics
The AD1584 operates as a **shunt regulator** (similar to a Zener diode but with much higher precision).
* **Precision Output:** The 4.096 V output is intentional, as it aligns perfectly with digital systems; it equates to exactly 1 mV per bit in a 12-bit Analog-to-Digital Converter (ADC).
* **Low Power Consumption:** With a minimum operating current of only 65 µA, it is ideal for battery-operated devices.
* **Small Footprint:** The SOT-23 package allows for high-density PCB layouts where space is at a premium.
---
### 3. Application Circuitry
To use the AD1584, a series resistor ($R_S$) is required to limit the current flowing into the device.
```markdown
V_in (Supply)
|
[ R_s ] <-- Series Resistor
|
+------> V_out (4.096V)
|
[AD1584]
|
GND
```
#### Calculating the Series Resistor ($R_S$):
The resistor is calculated using the formula:
`R_s = (V_in_min - V_out) / (I_load_max + I_q_min)`
*Where $I_q$ is the minimum operating current (65 µA).*
---
### 4. Common Applications
* **Data Acquisition Systems:** Providing a stable reference for ADCs and DACs.
* **Portable Instrumentation:** Handheld meters and battery-powered sensors.
* **Precision Regulators:** Used as a reference point for adjustable power supplies.
* **Process Control:** Ensuring accuracy in industrial 4-20mA loops.
---
- ⤷
What are the main differences between a shunt reference like the AD1584 and a series voltage reference?
- ⤷ How do I calculate the power dissipation for the AD1584 in a circuit?
- ⤷ Are there pin-compatible alternatives with higher temperature stability?