Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AD7440BRTZ-R2

  • AI
    The **AD7440BRTZ-R2** is a high-speed, low-power, 10-bit successive-approximation (SAR) Analog-to-Digital Converter (ADC) manufactured by Analog Devices. It is specifically designed to operate from a single 2.35V to 5.25V power supply. --- ### ## 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD7440BRTZ-R2: | Parameter | Specification | | :--- | :--- | | **Resolution** | 10-Bit | | **Throughput Rate** | Up to 1 MSPS (Mega Samples Per Second) | | **Power Consumption** | 3 mW (at 1 MSPS, 3V supply) | | **Interface** | High-speed Serial (SPI/QSPI/MICROWIRE/DSP compatible) | | **Input Type** | Pseudo-Differential | | **Package** | SOT-23-6 (6-lead Small Outline Transistor) | | **Temperature Range** | -40°C to +85°C | --- ### ## 2. Core Functional Components The device consists of several critical internal sections: 1. **Track-and-Hold Amplifier:** This circuit captures the input signal and holds it steady during the conversion process. It can handle input frequencies up to 1 MHz. 2. **Successive Approximation Register (SAR):** This is the "brain" of the ADC that determines the value of each bit (from MSB to LSB) by comparing the input voltage against a reference. 3. **Control Logic:** Manages the timing of the conversion and the serial data transfer via the `CS` (Chip Select) and `SCLK` (Serial Clock) pins. 4. **Pseudo-Differential Input:** Unlike a single-ended input, this accepts a differential signal where the negative input is restricted to a small range around ground. This helps in rejecting low-frequency noise. --- ### ## 3. Pin Configuration The SOT-23 package is extremely compact, utilizing only 6 pins to perform its functions: | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **$V_{IN}+$** | Positive Analog Input | | 2 | **$V_{IN}-$** | Negative Analog Input (usually connected to GND) | | 3 | **GND** | Ground Reference | | 4 | **$V_{DD}$** | Power Supply and Reference Voltage Input | | 5 | **SCLK** | Serial Clock Input (clocks the conversion and data out) | | 6 | **$\overline{CS}$ / SDATA** | Chip Select and Serial Data Output | --- ### ## 4. Application Use-Cases Due to its small footprint and low power consumption, the AD7440 is commonly found in: * **Battery-powered systems:** Handheld instruments and remote sensors. * **Data Acquisition:** High-speed logging where space is limited. * **Medical Instruments:** Portable monitoring devices. * **Communications:** Base station monitoring and signal processing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD7440 and the AD7441?
    • ⤷ How do you calculate the power dissipation at different sampling rates?
    • ⤷ Can the Vdd pin be used as the reference voltage for this ADC?