AD8137YCP-R2
AI

## AD8137YCP-R2: Overview and Technical Specifications
The **AD8137YCP-R2** is a high-speed, low-cost differential driver (operational amplifier) manufactured by Analog Devices. It is specifically designed to drive high-performance 12-bit to 16-bit Analog-to-Digital Converters (ADCs).
---
### 1. Key Technical Features
The AD8137 is part of the "Rail-to-Rail" output family, making it highly efficient for low-voltage systems.
| Feature | Specification |
| :--- | :--- |
| **Bandwidth (-3 dB)** | 110 MHz |
| **Slew Rate** | 450 V/µs |
| **Supply Voltage Range** | +2.7 V to +12 V (or ±6 V) |
| **Supply Current** | 3.2 mA (Low Power) |
| **Output Type** | Rail-to-Rail Differential |
| **Package Type** | LFCSP-8 (3mm x 3mm) |
---
### 2. Functional Description
The AD8137 simplifies the conversion of single-ended signals to differential signals. This is critical in modern electronics for the following reasons:
* **Common-Mode Control:** It features a dedicated $V_{OCM}$ pin that allows the user to set the output common-mode voltage independently of the input.
* **Noise Rejection:** As a differential amplifier, it inherently rejects common-mode noise and reduces even-order harmonic distortion.
* **Power Efficiency:** It provides high-speed performance with a very low quiescent current, making it suitable for battery-powered devices.
---
### 3. Pin Configuration (LFCSP-8)
Below is a representation of the typical pinout for the AD8137 in its 8-lead frame chip scale package.
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | -IN | Inverting Input |
| 2 | +IN | Non-inverting Input |
| 3 | VOCM | Voltage Output Common-Mode |
| 4 | V+ | Positive Supply Voltage |
| 5 | +OUT | Non-inverting Output |
| 6 | -OUT | Inverting Output |
| 7 | V- | Negative Supply Voltage |
| 8 | PD | Power Down (Active Low) |
---
### 4. Typical Applications
1. **ADC Driver:** Driving 12-bit to 16-bit ADCs in communication systems.
2. **Single-Ended-to-Differential Converters:** Converting standard signals for balanced transmission.
3. **Differential Line Drivers:** Used for transmitting signals over twisted-pair cables.
4. **IF/Baseband Gain Blocks:** Found in radio frequency (RF) receivers.
---
### 5. Implementation Example
To set the gain of the AD8137, feedback resistors ($R_f$) and gain resistors ($R_g$) are used. The gain formula for the differential output is:
`Gain = Rf / Rg`
```python
# Example: Calculating Resistor Values for a Gain of 1
gain = 1
rg = 499 # Ohms
rf = gain * rg
print(f"Required Feedback Resistor: {rf} Ohms")
```
- ⤷
What is the significance of the 'YCP-R2' suffix in the part number?
- ⤷ How does the VOCM pin help in interfacing with an ADC?
- ⤷ What are the thermal considerations for the LFCSP-8 package?