AD8137YCPZ-R2
AI

## AD8137YCPZ-R2: Overview and Technical Specifications
The **AD8137YCPZ-R2** is a high-speed, low-cost differential amplifier developed by Analog Devices. It is specifically designed to drive high-resolution Analog-to-Digital Converters (ADCs) and handle differential signals in power-sensitive applications.
---
### 1. Key Features and Functions
The AD8137 is part of a class of amplifiers known as **Fully Differential Amplifiers (FDA)**. Its primary role is to convert single-ended signals to differential signals or to amplify existing differential signals while maintaining high signal integrity.
| Feature | Specification / Value |
| :--- | :--- |
| **Bandwidth (-3 dB)** | 110 MHz |
| **Slew Rate** | 450 V/µs |
| **Supply Voltage Range** | 2.7 V to 12 V (Single or Dual) |
| **Supply Current** | 3.2 mA (Low Power) |
| **Package Type** | LFCSP-8 (3mm x 3mm) |
| **Output Type** | Rail-to-Rail |
---
### 2. Internal Architecture & Pinout
The device features a unique internal feedback mechanism that allows the user to set the output common-mode voltage independently of the input signal.
* **V_ocm Pin:** This pin allows the user to define the "center point" of the output voltage swing. This is crucial for matching the input range of modern ADCs.
* **Differential Inputs/Outputs:** It utilizes two inputs and two outputs to suppress common-mode noise and double the dynamic range compared to single-ended designs.
---
### 3. Common Applications
Due to its high speed and low power consumption, the AD8137YCPZ-R2 is commonly found in:
1. **ADC Drivers:** Driving 10-bit to 12-bit ADCs in communication systems.
2. **Differential Line Drivers:** Used for transmitting signals over twisted-pair cables.
3. **Active Filters:** Implementing differential filter topologies.
4. **Signal Level Shifting:** Moving signals from a negative-referenced ground to a positive-referenced ADC input.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in sourcing and replacement:
| Segment | Meaning |
| :--- | :--- |
| **AD8137** | Base Model Number |
| **Y** | Temperature Range (-40°C to +125°C) |
| **CPZ** | Package (LFCSP) and RoHS Compliant (Lead-Free) |
| **R2** | Reel size (7-inch reel, 250 units) |
---
### 5. Schematic Implementation Example
To set a gain of 1 ($G=1$) with a single-ended input, the wiring typically looks like this:
```text
Input (+) ----[ 1k Ohm ]----+----( -IN ) ( +OUT )---- Output (+)
| | |
+----[ 1k Ohm ]-------+
(Feedback)
Input (-) ----[ 1k Ohm ]----+----( +IN ) ( -OUT )---- Output (-)
| | |
+----[ 1k Ohm ]-------+
(Feedback)
```
- ⤷
What are the primary differences between the AD8137 and the higher-performance AD8138?
- ⤷ How do you calculate the feedback resistors for a specific gain on this amplifier?
- ⤷ What are the PCB layout considerations for the LFCSP package to ensure thermal stability?