Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AD8146ACPZ-R7

  • AI
    The **AD8146ACPZ-R7** is a high-speed, triple differential driver manufactured by Analog Devices. It is specifically designed to transmit high-resolution video signals (RGB/YPbPr) over twisted-pair cables (like Cat-5/Cat-6). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Triple Differential Driver | | **Bandwidth (-3 dB)** | 700 MHz | | **Slew Rate** | 3000 V/µs | | **Differential Gain** | 0.1% | | **Differential Phase** | 0.1° | | **Supply Voltage Range** | 4.5V to 12V (Total) | | **Package Type** | LFCSP-24 (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Blocks The AD8146 consists of three independent drivers. Here are the primary electronic sections: 1. **Differential Output Drivers:** Converts single-ended input signals into differential outputs. This is crucial for noise immunity during long-distance transmission. 2. **Common-Mode Control:** It features a dedicated pin to set the output common-mode voltage, allowing for easy DC offset management. 3. **Enable/Disable Logic:** Includes a power-down feature to reduce current consumption when the device is not in use. 4. **Internal Feedback:** Optimized for stability even when driving capacitive loads (like long cables). --- ### 3. Application Circuit Example In a typical application, the AD8146 acts as the "transmitter" in a video-over-UTP (Unshielded Twisted Pair) system. ```python # Conceptual Pin Configuration for Signal Flow Input_R -> AD8146_Ch1 -> Pair_1 (Cat-5) Input_G -> AD8146_Ch2 -> Pair_2 (Cat-5) Input_B -> AD8146_Ch3 -> Pair_3 (Cat-5) ``` --- ### 4. Why use the AD8146? * **High Speed:** The 700 MHz bandwidth supports high-definition video standards (UXGA or 1080p). * **Low Distortion:** Essential for maintaining color accuracy in professional video equipment. * **Common-Mode Sync:** It can embed sync signals onto the common-mode voltage of the differential pairs, saving extra wires.
    ✨ Follow-up Questions
    • ⤷ What are the typical power consumption values for the AD8146 in active mode?
    • ⤷ How does the AD8146 compare to its receiver counterpart
    • ⤷ the AD8145?
    • ⤷ What are the PCB layout recommendations for high-speed differential drivers like the AD8146?