AD8211YRJZ-R2
AI

## Technical Overview: AD8211YRJZ-R2
The **AD8211YRJZ-R2** is a high-precision, high-voltage, bidirectional current sense amplifier manufactured by **Analog Devices**. It is specifically designed to amplify small differential voltages in the presence of high common-mode voltages.
---
### 1. Key Technical Specifications
| Parameter | Value / Range |
| :--- | :--- |
| **Function** | High-Side Current Shunt Monitor |
| **Gain (Fixed)** | 20 V/V |
| **Common-Mode Voltage** | -2V to +65V (Continuous) |
| **Supply Voltage Range** | 4.5V to 5.5V |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOT-23-5 (Surface Mount) |
| **Bandwidth** | 500 kHz |
| **CMRR** | 120 dB (Minimum) |
---
### 2. Core Features
* **High Common-Mode Rejection:** It can accurately measure current even when the line voltage fluctuates between -2V and +65V, effectively "ignoring" the high voltage and focusing on the drop across the shunt resistor.
* **Precision Performance:** It features a very low offset drift (typically 1 μV/°C), ensuring accuracy across a wide range of operating temperatures.
* **Buffered Output:** The output is a low-impedance voltage source, making it easy to interface directly with Analog-to-Digital Converters (ADCs) or Microcontrollers (MCUs).
* **Bidirectional Capability:** While optimized for high-side sensing, it can handle small negative common-mode swings.
---
### 3. Functional Pin Configuration
The device comes in a compact 5-lead SOT-23 package:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **OUT** | Output Voltage (Proportional to Load Current) |
| 2 | **GND** | Ground |
| 3 | **V+** | Supply Voltage (4.5V to 5.5V) |
| 4 | **-IN** | Inverting Input (Connect to Load side of shunt) |
| 5 | **+IN** | Non-inverting Input (Connect to Supply side of shunt) |
---
### 4. Typical Application Circuit
The AD8211 is typically used with a small **shunt resistor ($R_{shunt}$)**. The output voltage ($V_{out}$) is calculated using the following formula:
`V_out = (I_load × R_shunt) × 20`
#### Example Use Cases:
1. **Transmission Control:** Monitoring solenoid currents.
2. **Battery Management:** Tracking charge and discharge cycles.
3. **Motor Control:** High-side current sensing for DC motors.
4. **Power Supply Protection:** Over-current detection.
---
- ⤷
How does the AD8211 compare to the AD8210 in terms of common-mode voltage?
- ⤷ What is the recommended value range for the shunt resistor when using this part?
- ⤷ Can the AD8211 be used for low-side current sensing?