Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AD8213YRMZ-R7

  • AI
    ## Technical Overview: AD8213YRMZ-R7 The **AD8213YRMZ-R7** is a high-performance, dual-channel, current-sense amplifier designed by Analog Devices. It is specifically engineered to amplify small differential voltages in the presence of high common-mode voltages, typically used for shunt-based current sensing in power systems. --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Channels** | Dual (2 Channels) | | **Common-Mode Voltage** | -2V to +65V | | **Supply Voltage Range** | 4.5V to 5.5V | | **Fixed Gain** | 20 V/V | | **Bandwidth** | 500 kHz | | **Package Type** | MSOP-10 (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the AD8213 consists of several critical electronic stages: 1. **High-Voltage Input Stage:** Capable of handling common-mode voltages significantly higher than the supply rail (up to 65V), allowing it to monitor high-side currents. 2. **Precision Differential Amplifier:** Optimized for low offset drift ($100\mu V$ maximum) and high Common-Mode Rejection Ratio (CMRR), ensuring accuracy even in noisy environments. 3. **Reference Buffer:** Allows the output to be offset by an external reference voltage, enabling both **unidirectional** and **bidirectional** current sensing. 4. **Output Stage:** A low-impedance output driver that can interface directly with Analog-to-Digital Converters (ADCs). --- ### 3. Application Use-Cases The AD8213 is primarily found in automotive and industrial power electronics where precision is vital: * **Motor Control:** Monitoring phase currents in 3-phase motors. * **Transmission Control:** Solenoid current sensing for smooth gear shifting. * **Battery Management Systems (BMS):** Measuring charge and discharge cycles. * **Power Supply Monitoring:** High-side current limiting and protection. --- ### 4. Comparison: AD8213 vs. Standard Op-Amps Unlike standard operational amplifiers, the AD8213 is a specialized **Instrumentation-style** amplifier. ```c // Pseudo-logic for Current Calculation using AD8213 float Gain = 20.0; float R_Shunt = 0.01; // 10 mOhms float V_Out = read_ADC(); // Current (I) = V_Out / (Gain * R_Shunt) float Current = V_Out / (20 * 0.01); ``` --- ### 5. Packaging and Suffix Meaning (YRMZ-R7) * **Y:** Temperature Grade (-40°C to +125°C). * **RM:** MSOP Package designation. * **Z:** RoHS compliant (Lead-free). * **R7:** 7-inch Tape and Reel (usually 1,000 pieces per reel).
    ✨ Follow-up Questions
    • ⤷What is the difference between high-side and low-side current sensing in the context of the AD8213?
    • ⤷ How does the reference pin (REF) allow for bidirectional current measurement?
    • ⤷ What are the common-mode rejection ratio (CMRR) specs for this part?