Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AD8220WARMZ-R7

  • AI
    ## Overview of the AD8220WARMZ-R7 The **AD8220WARMZ-R7** is a high-performance, JFET-input instrumentation amplifier designed by Analog Devices. It is particularly notable for its high input impedance, extremely low bias current, and its rail-to-rail output capability. The "W" in the part number signifies its **Automotive Grade** qualification. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Architecture** | JFET Input, Instrumentation Amplifier | | **Supply Voltage (Single)** | 4.5 V to 36 V | | **Supply Voltage (Dual)** | ±2.25 V to ±18 V | | **Gain Range** | 1 to 1000 (Set by a single external resistor) | | **Input Bias Current** | 10 pA (max at 25°C) | | **CMRR (Common Mode Rejection)** | 80 dB (min) at G=1, up to 5 kHz | | **Package Type** | 8-Lead MSOP (Micro Small Outline Package) | | **Temperature Range** | -40°C to +125°C (Automotive Grade) | --- ### Core Electronic Components & Features #### 1. JFET Input Stage Unlike standard bipolar amplifiers, the AD8220 uses **Junction Field-Effect Transistors (JFETs)** at the input. * **High Impedance:** This allows the device to interface with sensors that have very high output impedance without loading the signal. * **Low Bias Current:** The input current is in the pico-ampere (pA) range, making it ideal for precision measurements in photodiode or chemical sensor applications. #### 2. Gain Selection ($R_G$) The gain is programmed using a single external resistor ($R_G$) connected between pins 1 and 8. The formula for the gain is: $$G = 1 + \frac{49.4\text{ k}\Omega}{R_G}$$ Using a high-precision resistor is critical here to maintain gain accuracy and stability. #### 3. Rail-to-Rail Output The output stage is designed to swing within millivolts of the supply rails. This maximizes the **dynamic range**, especially in low-voltage systems (like 5V single-supply circuits) where every millivolt of signal headroom matters. #### 4. Automotive Qualification (AEC-Q100) The "W" designation indicates it is qualified for automotive applications. This means the part has undergone rigorous testing for: * Extreme temperature cycling. * Reliability in harsh electromagnetic environments. * Strict manufacturing quality control. --- ### Common Applications * **Medical Instrumentation:** ECG and EEG monitoring where high input impedance is required. * **Precision Data Acquisition:** Interfacing high-impedance sensors to ADCs. * **Industrial Process Control:** Current sensing and bridge transducers. * **Automotive Sensors:** Pressure and temperature monitoring within the engine or cabin. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AD8220 and the AD8221?
    • ⤷ How do I calculate the power dissipation for this MSOP package?
    • ⤷ What are the layout best practices to maintain high CMRR in this circuit?