AD8228ARMZ-R71
AI

## Overview of the AD8228ARMZ-R7
The **AD8228ARMZ-R7** is a high-performance, precision instrumentation amplifier designed by Analog Devices. It is specifically engineered for applications requiring high accuracy and low noise, such as medical instrumentation and industrial process control.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Gain Settings** | Fixed Gain of 10 or 100 (pin-selectable) |
| **Package Type** | MSOP-8 (Mini Small Outline Package) |
| **Supply Voltage** | $\pm$2.3 V to $\pm$18 V (Dual) or 4.6 V to 36 V (Single) |
| **Gain Error** | Max 0.02% (G=10) |
| **Gain Drift** | 5 ppm/°C (Max) |
| **CMRR (Common Mode Rejection)** | 100 dB min (G=100) |
| **Input Offset Voltage** | 100 $\mu$V max |
| **Bandwidth (-3 dB)** | 650 kHz (G=100) |
---
### 2. Core Features & Architecture
* **Pre-Trimmed Resistors:** Unlike standard instrumentation amplifiers that require an external resistor ($R_G$) to set the gain, the AD8228 features internal, laser-trimmed resistors. This eliminates gain drift caused by external component temperature sensitivity.
* **High Precision:** The device offers one of the lowest gain errors in its class, ensuring that the signal remains highly accurate even across a wide temperature range.
* **High Input Impedance:** It features a classic three-op-amp architecture, providing extremely high input impedance, which prevents loading effects on delicate sensor signals.
* **Robust Protection:** The inputs are protected against ESD and can handle voltages slightly beyond the supply rails.
---
### 3. Pin Configuration (MSOP-8)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | -IN | Inverting Input |
| 2 | GAIN | Gain Selection Pin (Open = 10, Connected to Pin 3 = 100) |
| 3 | +IN | Non-inverting Input |
| 4 | -V | Negative Supply |
| 5 | REF | Reference Pin (Sets the output offset) |
| 6 | OUT | Output Signal |
| 7 | +V | Positive Supply |
| 8 | NC | No Connect |
---
### 4. Typical Applications
1. **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors.
2. **Medical Equipment:** ECG/EKG monitoring and patient monitoring systems where low noise is critical.
3. **Data Acquisition:** High-resolution front-ends for Analog-to-Digital Converters (ADCs).
4. **Precision Weigh Scales:** Handling very small differential voltages from load cells.
---
### 5. Part Number Breakdown: AD8228ARMZ-R7
* **AD8228:** The base model number.
* **A:** Performance grade (Standard Grade).
* **RM:** Package code for MSOP (Mini Small Outline Package).
* **Z:** RoHS compliant (Lead-free).
* **R7:** Packaging format (7-inch Tape and Reel, typically 1,000 units).
- ⤷
How does the AD8228 compare to the AD8221 in terms of gain setting?
- ⤷ What is the significance of the REF pin in this instrumentation amplifier?
- ⤷ Can the AD8228 be used with a single-ended power supply?