AD822ARM-R2
AI

## Overview of the AD822ARM-R2
The **AD822ARM-R2** is a high-performance, dual-channel, precision operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is known for its ability to operate from a single supply with rail-to-rail output characteristics and an FET input stage.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual) |
| **Input Type** | JFET (Low Bias Current) |
| **Supply Voltage (Single)** | 5V to 30V |
| **Supply Voltage (Dual)** | ±2.5V to ±15V |
| **Gain Bandwidth Product** | 1.9 MHz |
| **Slew Rate** | 3 V/µs |
| **Package Type** | MSOP-8 (ARM designates the package) |
| **Operating Temperature** | -40°C to +85°C |
---
### Core Electronic Characteristics
#### 1. JFET Input Stage
Because it uses Junction Field-Effect Transistors (JFETs) at the input, the AD822 has an extremely low **Input Bias Current** (pico-ampere range). This makes it ideal for interfacing with high-impedance sensors or photodiode applications where minimizing current leakage is critical.
#### 2. Rail-to-Rail Output
Unlike standard Op-Amps that lose voltage swing near the supply rails, the AD822's output can swing within millivolts of the positive and negative (or ground) supply rails. This maximizes the **dynamic range**, especially in low-voltage 5V systems.
#### 3. Low Power Consumption
The device consumes only about **800 µA** per amplifier. Despite this low power draw, it maintains a decent speed (1.9 MHz bandwidth), providing an excellent balance for battery-powered instrumentation.
#### 4. High Capacitive Load Drive
One of the unique "electronic parts" of its design is the internal compensation that allows it to drive capacitive loads up to **350 pF** without oscillating. This is significantly higher than many other precision amplifiers.
---
### Typical Applications
* **Photodiode Preamps:** Utilizing the low input bias current.
* **Battery-Powered Instrumentation:** Due to the low supply current and rail-to-rail output.
* **Active Filters:** High input impedance prevents loading the filter stages.
* **Medical Equipment:** High precision and low noise characteristics.
---
### Package Pinout (MSOP-8)
```text
_________
OUT A | 1 8 | V+
-IN A | 2 7 | OUT B
+IN A | 3 6 | -IN B
V- | 4 5 | +IN B
---------
```
- ⤷
What are the main differences between the AD822 and the AD820?
- ⤷ How does the JFET input improve performance in sensor applications?
- ⤷ Can the AD822 be used in high-speed signal processing?