Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AD823AARZ-R7

  • AI
    The **AD823AARZ-R7** is a high-performance, dual-channel, precision JFET-input operational amplifier (op-amp) manufactured by Analog Devices. It is widely used in applications requiring high input impedance and wide bandwidth. --- ## 1. Technical Specifications The following table summarizes the key electrical characteristics of the AD823AARZ-R7: | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (2) | | **Input Type** | JFET (High Impedance) | | **Supply Voltage** | 3V to 36V (Single) / ±1.5V to ±18V (Dual) | | **Gain Bandwidth Product** | 16 MHz | | **Slew Rate** | 22 V/µs | | **Input Bias Current** | 0.3 pA (Typical) | | **Output Type** | Rail-to-Rail | | **Package / Case** | SOIC-8 (N) | | **Mounting Type** | Surface Mount | --- ## 2. Key Features and Benefits ### High Input Impedance Because it utilizes JFET technology at the input stage, it has an extremely low input bias current (picoampere range). This makes it ideal for buffering high-impedance sensors like photodiodes or piezoelectric transducers. ### Rail-to-Rail Output The output can swing very close to the supply rails, maximizing the dynamic range of the signal, which is crucial in low-voltage, battery-powered systems. ### High Speed and Stability With a 16 MHz bandwidth and a 22 V/µs slew rate, it can handle fast-changing signals without significant distortion. It is also designed to be stable even when driving capacitive loads. ### Wide Supply Range The ability to operate up to ±18V allows it to be used in industrial control systems as well as standard 5V or 3.3V digital circuits. --- ## 3. Application Use Cases 1. **Photodiode Preamps:** Converting light-to-voltage with minimal noise. 2. **Active Filters:** High-speed filtering for audio or data acquisition. 3. **Data Acquisition Systems:** Buffering signals for Analog-to-Digital Converters (ADCs). 4. **Professional Audio:** High-fidelity signal processing due to low distortion. --- ## 4. Part Number Breakdown: `AD823AARZ-R7` * **AD823A**: The base model (Dual JFET Op-Amp). * **A**: Grade (Specifies temperature range and precision). * **R**: Package Code (SOIC-8). * **Z**: RoHS Compliant (Lead-free). * **R7**: Tape and Reel packaging (7-inch reel, typically 1,000 units).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD823 and the AD823A version?
    • ⤷ How does the JFET input compare to a CMOS input in terms of noise?
    • ⤷ Can you provide a basic circuit diagram for a photodiode buffer using this IC?