AD8305ACPZ-R2
AI

The **AD8305ACPZ-R2** is a high-performance, logarithmic converter (log amp) specifically designed for measuring optical power in fiber optic systems. It is manufactured by Analog Devices and is optimized for monitoring photodiode current.
---
### ## 1. Technical Specifications
The following table summarizes the key electrical characteristics of the AD8305:
| Parameter | Specification |
| :--- | :--- |
| **Input Current Range** | 10 nA to 1 mA (80 dB Dynamic Range) |
| **Supply Voltage** | 3.0 V to 12 V (Single Supply) |
| **Logarithmic Slope** | 200 mV/decade (Adjustable) |
| **Output Voltage Range** | 0.25 V to 2.5 V |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | 16-Lead LFCSP (3mm x 3mm) |
---
### ## 2. Functional Components
The AD8305 consists of several critical internal stages that allow it to convert a wide range of input currents into a linear voltage output:
1. **Translinear Core:** The "heart" of the chip. It uses the logarithmic relationship between the base-emitter voltage ($V_{BE}$) and the collector current ($I_C$) of bipolar transistors.
2. **Adaptive Biasing:** This ensures the device maintains accuracy even at extremely low input currents (nanoamps).
3. **Reference Current Source ($I_{REF}$):** An internal 10 µA reference current is used to define the intercept point where the output voltage is zero (or a known offset).
4. **Buffer Amplifier:** An internal op-amp that scales the log signal to the desired output slope (defaulting to 200 mV per decade).
---
### ## 3. Typical Application Circuit
When designing with the AD8305, it is usually paired with a **PIN Photodiode**. Below is a simplified representation of the signal flow:
```text
[Photodiode] -> (INPT Pin) -> [Logarithmic Core] -> [Gain Stage] -> (VOUT Pin)
^
[10uA Reference]
```
---
### ## 4. Key Advantages
* **Wide Dynamic Range:** It can handle signals spanning 4 to 5 orders of magnitude, which is essential for optical fibers where signal strength varies significantly.
* **High Precision:** Offers excellent linearity (typically <0.1 dB error) over the central part of its current range.
* **Small Footprint:** The ACPZ suffix indicates a Lead Frame Chip Scale Package (LFCSP), making it ideal for space-constrained SFP (Small Form-factor Pluggable) modules.
---
- ⤷
How do you adjust the logarithmic slope of the AD8305 using external resistors?
- ⤷ What are the main differences between the AD8305 and the AD8304?
- ⤷ Can the AD8305 be used for voltage-to-logarithmic conversion instead of current?