AD8332ACP-R2
AI

The **AD8332ACP-R2** is a high-performance, dual-channel **Variable Gain Amplifier (VGA)** designed by Analog Devices. It is optimized for ultrasound systems and radar applications that require a wide dynamic range and low noise.
---
### 1. Key Technical Specifications
The AD8332 integrates three main stages per channel: a Low Noise Amplifier (LNA), a Voltage-Controlled Attenuator, and a Post-Amp with selectable gain.
| Feature | Specification |
|:---|:---|
| **Channels** | Dual (2 Channels) |
| **Bandwidth** | 120 MHz |
| **Input Noise** | 0.74 nV/√Hz |
| **Gain Range** | 48 dB (e.g., -4.5 dB to +43.5 dB) |
| **Supply Voltage** | 5V Typical |
| **Package Type** | LFCSP-32 (5mm x 5mm) |
| **Control Interface** | Analog Voltage (Gain Pin) |
---
### 2. Functional Blocks
The device operates using the following internal architecture:
1. **LNA (Ultralow Noise Amplifier):** Acts as the interface for the transducer or signal source. It features a configurable input impedance to match different sensors.
2. **VGA (Variable Gain Amplifier):** This stage utilizes an "X-AMP" architecture, providing a linear-in-dB gain response relative to the control voltage.
3. **Post-Amplifier:** Provides the final output drive and includes options for selectable gain (usually 21 dB or 27 dB) and filtering.
---
### 3. Pinout and Connectivity (LFCSP-32)
The **ACP** suffix refers to the Lead Frame Chip Scale Package. Key pins include:
* **INHx:** High-impedance input for the LNA.
* **GAIN:** The common gain control pin for both channels (0V to 1V range).
* **VOUTx:** Differential or single-ended outputs.
* **ENBL:** Chip enable/power-down pin.
* **LONx/LOPx:** LNA output pins, often coupled via capacitors to the VGA input.
---
### 4. Typical Applications
* **Medical Imaging:** Time Gain Control (TGC) in ultrasound machines.
* **Industrial:** Non-destructive testing (NDT) and sonar.
* **Communications:** Automatic Gain Control (AGC) in high-speed receivers.
---
### 5. Part Number Breakdown: AD8332ACP-R2
* **AD8332:** Base model (Dual-channel VGA).
* **ACP:** Package designator (LFCSP).
* **R2:** Packaging suffix, typically indicating a 7-inch reel with 250 units (low volume reel).
---
- ⤷How does the gain control voltage relate to the dB gain output in the AD8332?
- ⤷ What are the primary differences between the AD8331 and AD8332?
- ⤷ What external components are required for the LNA input matching?